Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR140CSP Datasheet(PDF) 1 Page - International Rectifier

Part # IR140CSP
Description  Flipky
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR140CSP Datasheet(HTML) 1 Page - International Rectifier

  IR140CSP Datasheet HTML 1Page - International Rectifier IR140CSP Datasheet HTML 2Page - International Rectifier IR140CSP Datasheet HTML 3Page - International Rectifier IR140CSP Datasheet HTML 4Page - International Rectifier IR140CSP Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FlipkyTM
1 Amp
IR140CSP
Bulletin I0148J rev. C 03/04
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
1.0
A
V
RRM
40
V
I
FSM @ tp = 5 µs sine
250
A
V
F
@1.0 Apk, T
J=125°C
0.38
V
T
J
range
- 55 to 150
°C
Characteristics
IR140CPS
Units
True chip-scale packaging is available from International
Rectifier. The IR140CPS surface-mount Schottky
rectifier has been designed for applications requiring low
forward drop and very small foot prints on PC boards.
Typical applications are in disk drives, switching power
supplies, converters, free-wheeling diodes, battery
charging, and reverse battery protection.
Small foot print, surface mountable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
The FlipkyTM package, is one-fifth the footprint of a
comparable SMA package and has a profile of less then
.8mm. Combined with the low thermal resistance of the
die level device, this makes the FlipkyTM the best device
for application where printed circuit board space is at a
premium and in extremely thin application environments
such as battery packs, cell phones and PCMCIA cards.
Description
FlipkyTM
Ultra Low VF per Footprint Area
Low Thermal Resistance
One-fifth Footprint of SMA
Super Low Profile (<.8mm)
Available Tested on Tape & Reel
Features
1
www.irf.com


Similar Part No. - IR140CSP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
IR1.52PM600 BANNER-IR1.52PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
IR1.52PM900 BANNER-IR1.52PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
IR1.52PMXX BANNER-IR1.52PMXX Datasheet
15Mb / 42P
Fiber Optic Systems
IR1.52PXX BANNER-IR1.52PXX Datasheet
15Mb / 42P
Fiber Optic Systems
IR1.52SM600 BANNER-IR1.52SM600 Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - IR140CSP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR0530CSP IRF-IR0530CSP Datasheet
156Kb / 5P
FlipKY 0.5Amp, 30Volt
IR1H40CSP IRF-IR1H40CSP Datasheet
168Kb / 6P
Flipky - 1 Amp
IR130CSP IRF-IR130CSP Datasheet
168Kb / 5P
Flipky
logo
Vishay Siliconix
FCSP1H40ETR VISHAY-FCSP1H40ETR Datasheet
87Kb / 5P
FlipKY®, 1 A
26-Aug-08
FCSP05H40ETR VISHAY-FCSP05H40ETR_11 Datasheet
105Kb / 6P
FlipKY, 0.5 A
04-Jul-11
FCSP0530ETR VISHAY-FCSP0530ETR_11 Datasheet
111Kb / 6P
FlipKY, 0.5 A
04-Jul-11
VSKY20301608 VISHAY-VSKY20301608 Datasheet
81Kb / 4P
Schottky Rectifier Surface Mount FlipKY Gen 2
19-Jan-17
VS-FCSP05H40ETR VISHAY-VS-FCSP05H40ETR Datasheet
105Kb / 6P
FlipKY®, 0.5 A
04-Jul-11
VS-FCSP0530ETR VISHAY-VS-FCSP0530ETR Datasheet
111Kb / 6P
FlipKY®, 0.5 A
04-Jul-11
VSKY20401608 VISHAY-VSKY20401608 Datasheet
79Kb / 4P
Schottky Rectifier Surface Mount FlipKY® Gen 2
19-Jan-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com