Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS2011 Datasheet(PDF) 24 Page - International Rectifier

Part # IRMCS2011
Description  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 Datasheet(HTML) 24 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 17Page - International Rectifier IRMCS2011 Datasheet HTML 18Page - International Rectifier IRMCS2011 Datasheet HTML 19Page - International Rectifier IRMCS2011 Datasheet HTML 20Page - International Rectifier IRMCS2011 Datasheet HTML 21Page - International Rectifier IRMCS2011 Datasheet HTML 22Page - International Rectifier IRMCS2011 Datasheet HTML 23Page - International Rectifier IRMCS2011 Datasheet HTML 24Page - International Rectifier IRMCS2011 Datasheet HTML 25Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
23
10. Specifications
TC=25
°C unless specified
Parameters
Values
Conditions
Input Power
Voltage
115V-230Vrms, -20%, +10%
Frequency
50/60 Hz
Input current
7A rms @nominal output
TA=40
°C, RthSA=1.0 °C/W
Input line impedance
4%
∼8% recommended
Output Power
Watt
750W continuous power
Vin=230V AC, fPWM=10kHz, fO=60Hz,
TA=40°C, RthSA=1.0 °C/W
Current
5.0 Arms nominal, 15 Arms Overload
ZthSA limits
∆TC to 10°C during overload
Host interface (SPI)
SCLK,CS,MISO,MOSI, SYNC
3.3V logic level
Isolated, maximum 6MHz
Host interface (RS232C/422)
Tx, Rx
10V
Maximum 57.6k bps, single ended,
configurable for RS422 up to 1Mbps
Host interface (Parallel Port)
HP_nCS, HP_nOE, HP_nWE,
HP_A, HP_DATA[8]
3.3V
8 bit parallel interface compatible with 8051,
MicroChip, other µP.
D/A
8 bit 4 Channel
0-3.3V output
Output is buffered with 4mA drive capability
A/D
12 bit 2 channel
±10V for reference input, 5V for DC bus
input
Discrete I/O
Input
4 bit, START, STOP, FLTCLR, IFBCAL
5V tolerant, Isolated, Active High logic
Output
3 bit, PWMACTIVE, FAULT, SYNC
Current feedback
Current sensing device
IR2175, direct interface
Resolution
10 bit (7.5 nanoseconds counting
resolution)
133 MHz internal IRMCK201 clock
Latency
8.3 usec
IR2175 PWM output (130 kHz)
Protection
Output current trip level
35A peak,
±10%
Ground fault trip level
35A peak,
±10%
Over-temperature trip level
110
°C, ±5%
Case temperature
Short circuit delay time
2.5 µsec
line-to-line short, line-to-DC bus (-) short
DC bus voltage
Maximum DC bus voltage
400V
Should not exceed 400V for > 30 sec
Minimum DC bus voltage
120V
VCC=15V
± 10%, VDD=5V ± 5%
Encoder Interface
Incremental encoder
Maximum 2 MHz
All differential signals are converted to single
ended signals including index pulse
Hall A/B/C initialization
Programmable wire saving/dedicated
A/B/C
Power Module
IRAMX16UP60A
3-phase HVIC
6 IGBT/FRED + IR2136 gate driver,
integrated overtemp protection
Bootstrap power supply for high side circuit
System environment
Ambient temperature
0 to 40
°C
95%RH max. (non-condensing)
Table 3. IRMCS2011 Electrical Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com