Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS2011 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCS2011
Description  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 6Page - International Rectifier IRMCS2011 Datasheet HTML 7Page - International Rectifier IRMCS2011 Datasheet HTML 8Page - International Rectifier IRMCS2011 Datasheet HTML 9Page - International Rectifier IRMCS2011 Datasheet HTML 10Page - International Rectifier IRMCS2011 Datasheet HTML 11Page - International Rectifier IRMCS2011 Datasheet HTML 12Page - International Rectifier IRMCS2011 Datasheet HTML 13Page - International Rectifier IRMCS2011 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
9
4.2 Input Power Wiring
Connect AC 115V or single-phase 230V or three-phase 230V power. For single phase 100V-230V AC power, use R
and T for connection. For three phase 230V power, use R/S/T for connection as shown in Figure 3. Insert a power
contactor switch rated at 250V/30A in series with AC power cables.
Figure 3. Power Terminal Block, J1
If full power rating is needed, use three-phase 230V power. Otherwise output power should be de-rated. Proper size
and length of cable should be used.
4.3 Motor Wiring
Connect motor power and ground wires to terminal block J1 of IRMCS2011 board as shown in Figure 4.
Figure 4. Motor Wiring Connection
For Sanyo Denki, Glentek or Pacific Scientific motors, the colored wires should be connected to the associated
Terminal Block pins of the IRMCS2011 board as shown in Table 1.
Sanyo Denki’s motor
cable wire
Glentek motor
cable wire
Pacific Scientific motor
cable wire
Terminal block pin
RED
RED (pin A)
BLUE
U
WHITE
BLUE (pin C)
VIOLET
V
BLACK
BLACK (pin B)
BROWN
W
GREEN/YELLOW
GREEN (pin D)
GREEN/YELLOW
E
Table 1. Motor Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com