Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4096-2ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4096-2ARMZ
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4096-2ARMZ Datasheet HTML 14Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADA4096-2/ADA4096-4
Data Sheet
COMPARATIVE VOLTAGE AND VARIABLE VOLTAGE GRAPHS
Figure 47. Input Voltage Noise, 0.1 Hz to 10 Hz Bandwidth
Figure 48. Channel Separation vs. Frequency
Figure 49. CMRR vs. Frequency
Figure 50. Supply Current per Amplifier vs. Supply Voltage
Figure 51. Voltage Noise Density (eN) vs. Frequency
Figure 52. Overshoot vs. Load Capacitance (CLOAD)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–10
–8
–6
–4
–2
0
2
4
6
8
10
–0.4
TIME (s)
ADA4096-2
VSY = ±15V
TA = 25°C
–80
20
100
1k
10k
50k
–140
–130
–120
–110
–100
–90
FREQUENCY (Hz)
ADA4096-2
VSY = ±15V
TA = 25°C
2kΩ
10kΩ
1kΩ
VIN =
10V p-p
120
110
100
90
80
70
60
50
40
30
100
1k
10k
100k
1M
10M
20
FREQUENCY (Hz)
ADA4096-2
TA = 25°C
VSY = ±15V
VSY = ±1.5V
VSY = ±5V
70
60
50
40
30
20
10
0
36
32
28
24
20
16
12
8
4
0
SUPPLY VOLTAGE (V)
ADA4096-2
TA = 25°C
RL =
∞
100
0.1
1k
100
10
1
10
FREQUENCY (Hz)
ADA4096-2
VSY = ±15V
TA = 25°C
50
0.01
1
0.1
0
10
20
30
40
CLOAD (nF)
ADA4096-2
VSY = ±15V
TA = 25°C
RL = 2kΩ
G = +1
VIN = 100mV p-p
OS–
OS+
Rev. F | Page 18 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com