Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4096-2ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4096-2ARMZ
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4096-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 22Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 23Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADA4096-2/ADA4096-4
Data Sheet
Rev. F | Page 20 of 24
INPUT OVERVOLTAGE PROTECTION
The ADA409x family inputs are protected from input voltage
excursions up to 32 V outside each rail. This feature is of
particular importance in applications with power supply
sequencing issues that could cause the signal source to be active
before the power supplies.
Figure 55 shows the input current limiting capability of the
ADA4096-2 (green curves) compared to using a 5 kΩ series
resistor (red curves).
Figure 55. Input Current Limiting Capability
Figure 55 was generated with the ADA4096-2 in a buffer
configuration with the supplies connected to GND (or ±15 V)
and the positive input swept until it exceeds the supplies by
32 V. In general, input current is limited to 1 mA during
positive overvoltage conditions and 200 μA during negative
undervoltage conditions. For example, at an overvoltage of 20 V,
the ADA4096-2 input current is limited to 1 mA, providing a
current-limit equivalent to a series 20 kΩ resistor. Figure 55 also
shows that the current limiting circuitry is active whether the
amplifier is powered or not.
Note that Figure 55 represents input protection under abnormal
conditions only. The correct amplifier operation input voltage
range (IVR) is specified in Table 2 to Table 4.
COMPARATOR OPERATION
Although op amps are quite different from comparators,
occasionally an unused section of a dual or a quad op amp may
be pressed into service as a comparator; however, this is not
recommended for any rail-to-rail output op amps. For rail-to-
rail output op amps, the output stage is generally a ratioed
current mirror with bipolar or metal-oxide semiconductor
field-effect (MOSFET) transistors. With the device operating in
open loop, the second stage increases the current drive to the
ratioed mirror to close the loop, but it cannot, which results in
an increase in supply current. With the op amp configured as a
comparator, the supply current can be significantly higher (see
Figure 56).
Figure 56. Comparator Supply Current
7
–48 –40 –32 –24 –16 –8
0
8
16
24
32
40
48
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
VIN (V)
LOW RDSON SERIES FET
5kΩ SERIES RESISTOR
500
400
300
200
100
036
32
28
24
20
16
12
8
4
0
SUPPLY VOLTAGE (V)
VOUT = HIGH
VOUT = LOW
BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com