Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M08A
Description  Dual Output Internally Preset Thermostat
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M08A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  M08A Datasheet HTML 1Page - National Semiconductor (TI) M08A Datasheet HTML 2Page - National Semiconductor (TI) M08A Datasheet HTML 3Page - National Semiconductor (TI) M08A Datasheet HTML 4Page - National Semiconductor (TI) M08A Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM66
Dual Output Internally Preset Thermostat
General Description
The LM66 is a precision low power thermostat. Two stable
temperature trip points (V
T1 and VT2) are generated by divid-
ing down the LM66 1.250V bandgap voltage reference using
a resistors divider network. The LM66 has two digital out-
puts. OUT1 goes LOW when the temperature exceeds T1
and goes HIGH when the the temperature goes below
(T1–T
HYST). Similarly, OUT2 goes LOW when the tempera-
ture exceeds T2 and goes HIGH when the temperature goes
below (T2–T
HYST). THYST is an internally set 5˚C typical hys-
teresis.
The LM66 is currently available in an 8-lead small outline
package.
Applications
n
Microprocessor Thermal Management
n
Appliances
n
Portable Battery Powered 3.0V or 5V Systems
n
Fan Control
n
Industrial Process Control
n
HVAC Systems
n
Remote Temperature Sensing
n
Electronic System Protection
Features
n
Digital outputs support TTL logic levels
n
Internal temperature sensor
n
2 internal comparators with hysteresis
n
Internal voltage reference
n
Currently available in 8-pin SO plastic package
Key Specifications
n
Power Supply Voltage
2.7V to 10V
n
Power Supply Current
250 µA (max)
n
V
REF
1.250V ±1.4% (max)
n
Hysteresis Temperature
5˚C
n
Internal Temperature Sensor
Output Voltage
(+6.20 mV/˚C x T) +400 mV
n
Temperature Trip Point Accuracy
±3˚C (max)
n
T1 set point
+73˚C
n
T2 set point
+82˚C
Simplified Block Diagram and
Connection Diagram
Ordering Information
TABLE 1.
Order Number
LM66CIM-
RLSKB
LM66CIMX-
RLSKB
NS Tackage
Number
M08A
M08A
Transport Media
Bulk Rail
2500 Units Tape
& Reel
Typical Application
DS100854-1
DS100854-2
DS100854-3
April 2000
© 2000 National Semiconductor Corporation
DS100854
www.national.com


Similar Part No. - M08A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
M08A NSC-M08A Datasheet
543Kb / 15P
3W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - M08A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM56 NSC-LM56 Datasheet
370Kb / 13P
Dual Output Low Power Thermostat
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
LM56 NSC-LM56_06 Datasheet
791Kb / 13P
Dual Output Low Power Thermostat
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM56BIMX TI-LM56BIMX Datasheet
1Mb / 21P
LM56 Dual Output Low Power Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM56 TI-LM56_15 Datasheet
1Mb / 22P
LM56 Dual Output Low Power Thermostat
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
Factory Preset Thermostat
LM56 TI1-LM56 Datasheet
1Mb / 22P
Dual Output Low Power Thermostat
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com