Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M08A
Description  Dual Output Internally Preset Thermostat
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M08A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  M08A Datasheet HTML 1Page - National Semiconductor (TI) M08A Datasheet HTML 2Page - National Semiconductor (TI) M08A Datasheet HTML 3Page - National Semiconductor (TI) M08A Datasheet HTML 4Page - National Semiconductor (TI) M08A Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
Input Voltage
12V
Input Current at any pin (Note 2)
5 mA
Package Input Current (Note 2)
20 mA
Package Dissipation at T
A = 25˚C
(Note 3)
900 mW
ESD Susceptibility (Note 4)
Human Body Model
1000V
Machine Model
200V
Soldering Information
SO Package (Note 5) :
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Storage Temperature
−65˚C to + 150˚C
Operating Ratings (Note 1)
Operating Temperature Range
T
MIN ≤ TA ≤ TMAX
LM66CIM
−40˚C
≤ T
A ≤ +125˚C
Positive Supply Voltage (V
+)
+2.7V to +10V
Maximum V
OUT1 and VOUT2
+10V
LM66 Electrical Characteristics
The following specifications apply for V
+ = 2.7 V
DC, and VREF load current = 0 µA unless otherwise specified. Boldface lim-
its apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C unless otherwise specified.
Typical
LM66CIM
Units
Symbol
Parameter
Conditions
(Note 6)
Limits
(Limits)
(Note 7)
Temperature Sensor
Trip Point Accuracy (Includes
V
REF, Comparator Offset, and
+25˚C
≤ T
A ≤ +85˚C
±3
˚C (max)
Temperature Sensitivity errors)
Trip Point Hysteresis
T
A = +73˚C
6
4.5
˚C (min)
7.5
˚C (max)
T
A = +82˚C
6
4.5
˚C (min)
7.5
˚C (max)
Internal Temperature Sensitivity
+6.20
mV/˚C
Temperature Sensitivity Error
+25˚C
≤ T
A ≤ +85˚C
±3
˚C (max)
−25˚C
≤ T
A ≤ +125˚C
±4
˚C (max)
−40˚C
≤ T
A ≤ −25˚C
±5
˚C (max)
Output Impedance
−1 µA
≤ I
L ≤ +40 µA
1500
Ω (max)
Line Regulation
+3.0V
≤ V+ ≤ +10V,
+25˚C
≤ T
A ≤ +85˚C
±0.36
mV/V (max)
+3.0V
≤ V+ ≤ +10V,
−40˚C
≤ T
A <25˚C
±0.61
mV/V (max)
+2.7V
≤ V+ ≤ +3.3V
±2.3
mV (max)
V
REF Output
V
REF
V
REF Nominal
1.250V
V
V
REF Error
±1.4
% (max)
±17.5
mV (max)
∆V
REF/∆V
+
Line Regulation
+3.0V
≤ V+ ≤ +10V
0.13
0.21
mV/V (max)
+2.7V
≤ V+ ≤ +3.3V
0.15
1.5
mV (max)
www.national.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com