Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5901WCCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF5901WCCPZ
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901WCCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF5901WCCPZ Datasheet HTML 3Page - Analog Devices ADF5901WCCPZ Datasheet HTML 4Page - Analog Devices ADF5901WCCPZ Datasheet HTML 5Page - Analog Devices ADF5901WCCPZ Datasheet HTML 6Page - Analog Devices ADF5901WCCPZ Datasheet HTML 7Page - Analog Devices ADF5901WCCPZ Datasheet HTML 8Page - Analog Devices ADF5901WCCPZ Datasheet HTML 9Page - Analog Devices ADF5901WCCPZ Datasheet HTML 10Page - Analog Devices ADF5901WCCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ADF5901
Data Sheet
Rev. A | Page 6 of 26
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
AHI to GND
−0.3 V to +3.9 V
AHI to TX_AHI
−0.3 V to +0.3 V
AHI to RF_AHI
−0.3 V to +0.3 V
AHI to VCO_AHI
−0.3 V to +0.3 V
AHI to DVDD
−0.3 V to +0.3 V
VTUNE to GND
−0.3 V to +3.6 V
Digital Input/Output Voltage to GND
−0.3 V to DVDD + 0.3 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
θJA Thermal Impedance1 (Paddle
Soldered)
40.83 °C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Transistor Count
CMOS
177,381
Bipolar
2315
ESD
Charged Device Model
250 V
Human Body Model
2000 V
1
Two signal planes (that is, on top and bottom surfaces of the board), two
buried planes, and nine vias.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com