Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5040BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5040BCPZ
Description  High power handling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5040BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5040BCPZ Datasheet HTML 4Page - Analog Devices ADRF5040BCPZ Datasheet HTML 5Page - Analog Devices ADRF5040BCPZ Datasheet HTML 6Page - Analog Devices ADRF5040BCPZ Datasheet HTML 7Page - Analog Devices ADRF5040BCPZ Datasheet HTML 8Page - Analog Devices ADRF5040BCPZ Datasheet HTML 9Page - Analog Devices ADRF5040BCPZ Datasheet HTML 10Page - Analog Devices ADRF5040BCPZ Datasheet HTML 11Page - Analog Devices ADRF5040BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADRF5040
Data Sheet
Rev. A | Page 8 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3 V, VSS = −3.3 V, TCASE = 25°C, unless otherwise specified.
0
–0.5
–1.0
–1.5
–2.0
–2.5
0
2
4
6
8
10
12
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF2
RFC TO RF3
RFC TO RF4
Figure 9. Insertion Loss vs. Frequency
0
–0.5
–1.0
–1.5
–2.0
–2.5
0
2
4
6
8
10
12
FREQUENCY (GHz)
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
Figure 10. Insertion Loss vs. Frequency, RFC to RF2 On or RFC to RF3 On
0
–20
–40
–60
–100
–80
–120
0
2
4
6
8
10
12
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF3
RFC TO RF4
Figure 11. Isolation vs. Frequency, RFC to RF2 On
0
–0.5
–1.0
–1.5
–2.5
–2.0
–3.0
0
2
4
6
8
10
12
FREQUENCY (GHz)
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
Figure 12. Insertion Loss vs. Frequency, RFC to RF1 On or RFC to RF4 On
0
–20
–40
–60
–100
–80
–120
0
2
4
6
8
10
12
FREQUENCY (GHz)
RFC TO RF2
RFC TO RF3
RFC TO RF4
Figure 13. Isolation vs. Frequency, RFC to RF1 On
0
–20
–40
–60
–100
–80
–120
0
2
4
6
8
10
12
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF2
RFC TO RF4
Figure 14. Isolation vs. Frequency, RFC to RF3 On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com