Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5040BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5040BCPZ
Description  High power handling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5040BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5040BCPZ Datasheet HTML 5Page - Analog Devices ADRF5040BCPZ Datasheet HTML 6Page - Analog Devices ADRF5040BCPZ Datasheet HTML 7Page - Analog Devices ADRF5040BCPZ Datasheet HTML 8Page - Analog Devices ADRF5040BCPZ Datasheet HTML 9Page - Analog Devices ADRF5040BCPZ Datasheet HTML 10Page - Analog Devices ADRF5040BCPZ Datasheet HTML 11Page - Analog Devices ADRF5040BCPZ Datasheet HTML 12Page - Analog Devices ADRF5040BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
ADRF5040
Rev. A | Page 9 of 14
VDD = 3.3 V, VSS = −3.3 V, TCASE = 25°C, unless otherwise specified.
0
–20
–40
–60
–100
–80
–120
0
2
4
6
8
10
12
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF2
RFC TO RF3
Figure 15. Isolation vs. Frequency, RFC to RF4 On
0
–5
–15
–25
–10
–20
–30
–35
–40
0
2
4
6
8
10
12
FREQUENCY (GHz)
RFC
Figure 16. Return Loss vs. Frequency, RFC to RF4 On
0
–20
–60
–100
–40
–80
–120
–140
0
2
4
6
8
10
12
FREQUENCY (GHz)
RF2 TO RF3
RF2 TO RF4
RF3 TO RF4
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
Figure 17. Channel to Channel Isolation vs. Frequency, RFC to RF1 On
0
–5
–15
–25
–10
–20
–30
–35
–45
–40
0
2
4
6
8
10
12
FREQUENCY (GHz)
CH1, CH2, CH3 AND CH4 (OFF)
CH1, CH2, CH3 AND CH4 (ON)
Figure 18. Return Loss vs. Frequency, RFC to RF4 On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com