Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC532LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC532LP4
Description  Military End-Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC532LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC532LP4 Datasheet HTML 1Page - Analog Devices HMC532LP4 Datasheet HTML 2Page - Analog Devices HMC532LP4 Datasheet HTML 3Page - Analog Devices HMC532LP4 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 146
General Description
Features
Functional Diagram
The HMC532LP4 & HMC532LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices,
varactor
diodes,
and
buffer
amplifiers.
Covering 7.1 to 7.9 GHz, the VCO’s phase noise
performance is excellent over temperature, shock
and vibration due to the oscillator’s monolithic struc-
ture. Power output is +14 dBm typical from a single
supply of +3V @ 85 mA. The voltage controlled
oscillator is packaged in a leadless QFN 4 x 4 mm
surface mount package.
Pout: +14 dBm
Phase Noise: -103 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: +3V @ 85 mA
24 Lead 4x4mm QFN Package: 9 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• VSAT Radio
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
7.1 - 7.9
GHz
Power Output
12
14
17
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-101
dBc/Hz
Tune Voltage (Vtune)
1
13
V
Supply Current (Icc) (Vcc = +3V)
60
85
100
mA
Tune Port Leakage Current
10
μA
Output Return Loss
15
dB
Harmonics
2nd
3rd
-14
-25
dBc
dBc
Pulling (into a 2.0:1 VSWR)
28
MHz pp
Pushing @ Vtune= +5V
78
MHz/V
Frequency Drift Rate
0.85
MHz/°C
MMIC VCO w/ BUFFER
AMPLIFIER, 7.1 - 7.9 GHz
v01.0508
HMC532LP4 / 532LP4E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC532LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC532LP4 HITTITE-HMC532LP4 Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC532LP4E HITTITE-HMC532LP4E Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC532LP4E HITTITE-HMC532LP4E Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
More results

Similar Description - HMC532LP4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7371AF TOSHIBA-TA7371AF Datasheet
269Kb / 7P
FM FRONT-END (1.5V USE)
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
MILITARY RECTIFIERS
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
logo
Powerbox
MI-LC2Z-IY POWERBOX-MI-LC2Z-IY Datasheet
1Mb / 2P
50-300 WATTS MILITARY READY TO USE COMPONENET
logo
Hittite Microwave Corpo...
HMC1057 HITTITE-HMC1057 Datasheet
1Mb / 12P
Military End-Use
logo
Micross Components
HMC526 MICROSS-HMC526 Datasheet
880Kb / 9P
Military End Use
logo
Analog Devices
HMC582LP5 AD-HMC582LP5 Datasheet
379Kb / 6P
Military End-Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com