Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC703LP4E Datasheet(PDF) 39 Page - Analog Devices

Part # HMC703LP4E
Description  8 GHz fractional synthesizer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC703LP4E Datasheet(HTML) 39 Page - Analog Devices

Back Button HMC703LP4E Datasheet HTML 35Page - Analog Devices HMC703LP4E Datasheet HTML 36Page - Analog Devices HMC703LP4E Datasheet HTML 37Page - Analog Devices HMC703LP4E Datasheet HTML 38Page - Analog Devices HMC703LP4E Datasheet HTML 39Page - Analog Devices HMC703LP4E Datasheet HTML 40Page - Analog Devices HMC703LP4E Datasheet HTML 41Page - Analog Devices HMC703LP4E Datasheet HTML 42Page - Analog Devices HMC703LP4E Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
6 - 39
HMC703LP4E
v02.0813
8 GHz fractional syntHesizer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
table 8. register 0 comparison - single vs Multi-User Modes
single User
HMC Mode
single Or Multi-User
Open Mode
READ
Chip ID
24 Bits
Chip ID
24Bits
WRITE
soft Reset,
General strobes
Read Address [4:0]
soft reset [5]
General strobes [24:6]
serial Port Mode Decision after Power-on reset
On power up, both types of modes are active and listening. All digital IO must be low at power-up.
A decision to select the desired serial Port mode (protocol) is made on the first occurrence of sEN or sCK , after which
the serial Port mode is fixed and only changeable by a power down.
a. If a rising edge on sEN is detected first HMC Mode is selected.
b. If a rising edge on sCK is detected first Open mode is selected.
serial Port HMc Mode - single Pll
HMC Mode (Legacy Mode) serial port operation can only address and communicate with a single PLL, and is compat-
ible with most HMC PLLs and PLLs with integrated VCOs.
The HMC Mode protocol for the serial port is designed for a 4 wire interface with a fixed protocol featuring
a. 1 Read/Write bit
b. 6 Address bits
c. 24 data bits
serial Port open Mode
The serial Port Open Mode features:
a. Compatibility with general serial port protocols that use a shift and strobe approach to
communication.
b. Compatible with HMC multi-Chip solutions, useful to address multiple chips of various types from a
single serial port bus.
The HMC Open Mode protocol has the following general features:
a. 3 bit chip address, can address up to 8 devices connected to the serial bus ( = 000 on
HMC703LP4E)
b. Wide compatibility with multiple protocols from multiple vendors
c. simultaneous Write/Read during the sPI cycle
d. 5 bit register address space
e. 3 wire for Write Only capability, 4 wire for Read/Write capability.
HMC RF PLLs with integrated VCOs also support HMC Open Mode. HMC700, HMC701, HMC702 and some genera-
tions of microwave PLLs with integrated VCOs do not support Open Mode.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com