Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC703LP4E Datasheet(PDF) 19 Page - Analog Devices

Part # HMC703LP4E
Description  8 GHz fractional synthesizer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC703LP4E Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC703LP4E Datasheet HTML 15Page - Analog Devices HMC703LP4E Datasheet HTML 16Page - Analog Devices HMC703LP4E Datasheet HTML 17Page - Analog Devices HMC703LP4E Datasheet HTML 18Page - Analog Devices HMC703LP4E Datasheet HTML 19Page - Analog Devices HMC703LP4E Datasheet HTML 20Page - Analog Devices HMC703LP4E Datasheet HTML 21Page - Analog Devices HMC703LP4E Datasheet HTML 22Page - Analog Devices HMC703LP4E Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
6 - 19
HMC703LP4E
v02.0813
8 GHz fractional syntHesizer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
Required CP Offset = (2.5 ∙ 10-9+ 4TPS) ∙ (Fcomparison) ∙ ICP where:
TPS: is the RF period at the fractional prescaler input
ICP: is the full scale current setting of the switching charge pump
Note that this calculation can be performed for the center frequency of the VCO, and does not need refinement for small
differences (<25%) in center frequencies. Also, operation with unreasonably large charge pump offset may cause Lock
Detect to incorrectly indicate an unlocked condition. To correct, reduce the offset to recommended levels.
Another factor in Fractional spectral performance is the choice of the Delta-sigma Modulator mode. Mode B is normally
recommended, as it allows higher PD frequencies and makes it easier to filter the fractional quantization noise. For low
prescaler frequencies (<1.5GHz), however, mode A can offer better in-band spectral performance. see Reg 06h[0] for
DsM mode selection. Finally, all fractional synthesizers create fractional spurs at some level. Hittite offers the lowest
level fractional spurious in the industry in an integrated solution.
operational Modes
The HMC703LP4E can operate in a eight of different modes (Reg 06h[7:5]), and supports “Triggering” from 3 different
sources. The modes of operation include:
“Integer Mode”
“Fractional Mode”
“Exact Frequency Mode”
Frequency Modulation “FM Mode”
Phase Modulation “PM Mode”
“Frequency sweep Mode” (3 types)
All modes require Fractional mode to be enabled except for Integer mode. Fractional mode allows fine frequency
steps. Exact Frequency mode allows precise fractional frequency steps with zero frequency error. FM and PM modes
can be used for simple communications links, with data rate limitations set by the loop filter bandwidth. The PM mode
also allows for precise incremental phase adjustments, which can be important in phased arrays and other systems.
Frequency sweep supports built-in one-way, two-way, or user defined frequency sweeps, useful in FMCW radar
applications.
Depending on the mode, the auxiliary registers Reg 0Ah, Reg 0Ch and Reg 0Dh are used for different functions, as
shown in Table 6.
(eQ 4)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com