Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC7043LP7FE Datasheet(PDF) 33 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 33 Page - Analog Devices

Back Button HMC7043LP7FE Datasheet HTML 29Page - Analog Devices HMC7043LP7FE Datasheet HTML 30Page - Analog Devices HMC7043LP7FE Datasheet HTML 31Page - Analog Devices HMC7043LP7FE Datasheet HTML 32Page - Analog Devices HMC7043LP7FE Datasheet HTML 33Page - Analog Devices HMC7043LP7FE Datasheet HTML 34Page - Analog Devices HMC7043LP7FE Datasheet HTML 35Page - Analog Devices HMC7043LP7FE Datasheet HTML 36Page - Analog Devices HMC7043LP7FE Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
HMC7043
Data Sheet
Rev. B | Page 32 of 43
Address
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
0x012C
Channel
Output 10
control
High
performance
mode
SYNC enable
Slip enable
Reserved
Start-Up Mode[1:0]
Multislip
enable
Channel
enable
0xF3
0x012D
12-Bit Channel Divider[7:0] (LSB)
0x02
0x012E
Reserved
12-Bit Channel Divider[11:8] (MSB)
0x00
0x012F
Reserved
Fine Analog Delay[4:0]
0x00
0x0130
Reserved
Coarse Digital Delay[4:0]
0x00
0x0131
12-Bit Multislip Digital Delay[7:0] (LSB)
0x00
0x0132
Reserved
12-Bit Multislip Digital Delay[11:8] (MSB)
0x00
0x0133
Reserved
Output Mux Selection[1:0]
0x00
0x0134
Idle at Zero[1:0]
Dynamic
driver
enable
Driver Mode[1:0]
Reserved
Driver Impedance[1:0]
0x01
0x0136
Channel
Output 11
control
High
performance
mode
SYNC enable
Slip enable
Reserved
Start-Up Mode[1:0]
Multislip
enable
Channel
enable
0xFD
0x0137
12-Bit Channel Divider[7:0] (LSB)
0x00
0x0138
Reserved
12-Bit Channel Divider[11:8] (MSB)
0x01
0x0139
Reserved
Fine Analog Delay[4:0]
0x00
0x013A
Reserved
Coarse Digital Delay[4:0]
0x00
0x013B
12-Bit Multislip Digital Delay[7:0] (LSB)
0x00
0x013C
Reserved
12-Bit Multislip Digital Delay[11:8] (MSB)
0x00
0x013D
Reserved
Output Mux Selection[1:0]
0x00
0x013E
Idle at Zero[1:0]
Dynamic
driver
enable
Driver Mode[1:0]
Reserved
Driver Impedance[1:0]
0x30
0x0140
Channel
Output 12
control
High
performance
mode
SYNC enable
Slip enable
Reserved
Start-Up Mode[1:0]
Multislip
enable
Channel
enable
0xF3
0x0141
12-Bit Channel Divider[7:0] (LSB)
0x10
0x0142
Reserved
12-Bit Channel Divider[11:8] (MSB)
0x00
0x0143
Reserved
Fine Analog Delay[4:0]
0x00
0x0144
Reserved
Coarse Digital Delay[4:0]
0x00
0x0145
12-Bit Multi-Slip Digital Delay[7:0] (LSB)
0x00
0x0146
Reserved
12-Bit Multislip Digital Delay[11:8] (MSB)
0x00
0x0147
Reserved
Output Mux Selection[1:0]
0x00
0x0148
Idle at Zero[1:0]
Dynamic
driver
enable
Driver Mode[1:0]
Reserved
Driver Impedance[1:0]
0x01
0x014A
Channel
Output 13
control
High
performance
mode
SYNC enable
Slip enable
Reserved
Start-Up Mode [1:0]
Multislip
enable
Channel
enable
0xFD
0x014B
12-Bit Channel Divider[7:0] (LSB)
0x00
0x014C
Reserved
12-Bit Channel Divider[11:8] (MSB)
0x01
0x014D
Reserved
Fine Analog Delay[4:0]
0x00
0x014E
Reserved
Coarse Digital Delay[4:0]
0x00
0x014F
12-Bit Multislip Digital Delay[7:0] (LSB)
0x00
0x0150
Reserved
12-Bit Multislip Digital Delay[11:8] (MSB)
0x00
0x0151
Reserved
Output Mux Selection[1:0]
0x00
0x0152
Idle at Zero[1:0]
Dynamic
driver
enable
Driver Mode[1:0]
Reserved
Driver Impedance[1:0]
0x30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com