Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC7043LP7FE Datasheet(PDF) 27 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC7043LP7FE Datasheet HTML 23Page - Analog Devices HMC7043LP7FE Datasheet HTML 24Page - Analog Devices HMC7043LP7FE Datasheet HTML 25Page - Analog Devices HMC7043LP7FE Datasheet HTML 26Page - Analog Devices HMC7043LP7FE Datasheet HTML 27Page - Analog Devices HMC7043LP7FE Datasheet HTML 28Page - Analog Devices HMC7043LP7FE Datasheet HTML 29Page - Analog Devices HMC7043LP7FE Datasheet HTML 30Page - Analog Devices HMC7043LP7FE Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
HMC7043
Data Sheet
Rev. B | Page 26 of 43
Table 18. Supply Network of the HMC7043 by Pin for the Clock Output Network
Per Output Channel
Comment
Typical Current (mA)
Profile1
0
1
2
3
4
Digital Regulator and Other Sources
2.5
0.5
2.5
2.5
2.5
2.5
Buffer
LVPECL
Including term currents
43
43
43
43
CML100
High Power
Including term currents
31
Low Power
24
LVDS
High Power
At 307 MHz
10
10
Low Power
8
CMOS
At 100 MHz, both sections
25
Channel Mux
Included2
Different Power Modes Deleted
2
2
2
2
Digital Delay
Off
Included2
Setpoint > 1
3
3
3
Analog Delay
Off
Included2
0
Minimum Setting
Glitchless mode enabled
9
9
Maximum Setting
9
9
Divider Logic
0
Not using divider path
Included2
0
0
÷1
27
÷2
24
÷3
31
÷4
28
÷5
30
÷6
26
÷8
28
÷16
29
29
÷32
29
÷2044
29
29
SYNC Logic3
4
Slip Logic3
4
Subtotal
2.5
48
87
13
89
1
Profile 0 is sleep mode; Profile 1 is fundamental mode; Profile 2 is SYSREF channel matched to fundamental mode; Profile 3 is LVDS—high power signal source from
other channel; and Profile 4 is worst case configuration for power consumption of a channel.
2
The base current consumption of the circuit (for example, mux) is included in the buffer typical current.
3
Currents only occur temporarily during a synchronization event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com