Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESS31-T Datasheet(PDF) 3 Page - ETAL Group

Part # ESS31-T
Description  Selective load protection with physical isolation in the event of a failure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS31-T Datasheet(HTML) 3 Page - ETAL Group

  ESS31-T Datasheet HTML 1Page - ETAL Group ESS31-T Datasheet HTML 2Page - ETAL Group ESS31-T Datasheet HTML 3Page - ETAL Group ESS31-T Datasheet HTML 4Page - ETAL Group ESS31-T Datasheet HTML 5Page - ETAL Group ESS31-T Datasheet HTML 6Page - ETAL Group ESS31-T Datasheet HTML 7Page - ETAL Group ESS31-T Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.e-t-a.de
Electronic circuit breaker ESS31-T...-DC 24 V
1646
3
4
Electronic circuit breaker ESS31-T...-DC 24 V
Effect of the ambient temperature
on the tripping characteristics
ambient temperature T [°C]
0
+10
+23
+30
+40
+50
temperature factor
0.88
0.93
1.0
1.04
1.12
1.22
Table 1: Voltage drop, current limitation, trip times, fail-safe element, max. load current
Table 2: ESS31-T.. - versions
current rating
IN
typical voltage
drop UON at IN
active current
limitation
typically
trip
time
ISC
typically 1)
trip
time
IOL
typically 2)
fail-safe
element
max. load current at
100 % ON duty
TAMB = 40
°C
TAMB = 50
°C
0.5 A
90 mV
1,2 x IN
500 ms
500 ms
2 A
0.5 A
0.5 A
1 A
100 mV
1,2 x IN
500 ms
500 ms
2 A
1 A
1 A
2 A
110 mV
1,2 x IN
500 ms
500 ms
4 A
2 A
2 A
3 A
150 mV
1,2 x IN
500 ms
500 ms
6.3 A
3 A
3 A
3.6 A
155 mV
1,2 x IN
350 ms
500 ms
6.3 A
3.6 A
3.6 A
4 A
160 mV
1.2 x IN
280 ms
500 ms
6.3 A
4 A
4 A
6 A
170 mV
1,2 x IN
150 ms
500 ms
10 A
6 A
5 A
8 A
190 mV
1.2 x IN
280 ms
500 ms
15 A
8 A
7 A
10 A
210 mV
1.2 x IN
200 ms
500 ms
15 A
10 A
9 A
12 A
220 mV
1.2 x IN
110 ms
500 ms
20 A
12 A
10.8 A
Note: When mounted side-by-side without convection the devices can only carry max. 80 % of their rated current continuously
(100 % ON duty) due to thermal effect.
1) short circuit
2) overload
Version
Signal input
Signal output:
Signal output F (signal contact)
Status output SF
ESS31-...
without
control input
ON/OFF +24 V
Control IN+
reset input
+24 V
RE
without
single signal
make con-
tact
(normally
open NO)
single signal
break con-
tact
(normally
closed NC)
without
status
OUT
+24 V = OK
status
OUT
0 V = OK
-TC
-001
X
X
X
-TC
-002
X
X
X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com