Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESS31-T Datasheet(PDF) 5 Page - ETAL Group

Part # ESS31-T
Description  Selective load protection with physical isolation in the event of a failure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS31-T Datasheet(HTML) 5 Page - ETAL Group

  ESS31-T Datasheet HTML 1Page - ETAL Group ESS31-T Datasheet HTML 2Page - ETAL Group ESS31-T Datasheet HTML 3Page - ETAL Group ESS31-T Datasheet HTML 4Page - ETAL Group ESS31-T Datasheet HTML 5Page - ETAL Group ESS31-T Datasheet HTML 6Page - ETAL Group ESS31-T Datasheet HTML 7Page - ETAL Group ESS31-T Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.e-t-a.de
Electronic circuit breaker ESS31-T...-DC 24 V
1646
5
4
Electronic circuit breaker ESS31-T...-DC 24 V
ESS31-T Signal inputs / outputs (wiring diagrams)
Typical time/current characteristic (Tamb = 25 °C)
ESS31-TC-002-.....
ESS31-TC-001-.....
The auxiliary contacts are shown in OFF or fault condition
without signal input
with signal output f
single singnal, make contact
without signal input
with signal output f
single singnal, break contact
operating condition
13-14 closed
fault condition
13-14 open
operating condition
11-12 open
fault condition
11-12 closed
I>
LINE
+
LOAD
+
2
13
14
0V
3
1
I>
LINE
+
LOAD
+
2
11
12
0V 3
1
trip time depends
on rated current
(see table 1)
IK
10000
1000
1
2
4
...times rated current
100
10
1
0,5
0,1
0,01
3
5
max. 1.35 x I
N
disconnection and
current limitation
typically 1.2 x IN
min. 1.05 x I
N
0
l
The overload trip time is typically 500 ms (e.g. ESS31-T-…-6 A)
l
The electronic current limitation typically begiins in at 1.2 x IN
This means: under all overload conditions (independent of power
supply and load circuit resistance) typically 1.2 times rated current
is applied until disconnection. The corresponding current limitation
value ILimit depends on the current rating of the device IN.
l
Without the current limitation getting into effect at typically 1.2 x IN
there would be a much higher overcurrent in the event of an over-
load or short circuit.
l
Reset of the circuit breaker is only possible approximately 10 sec
after tripping.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com