Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT1813-422-014-R Datasheet HTML 1Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 2Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
31
MKT 1813
Vishay Roederstein
Document Number 26013
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
L
Max.
40.0
± 5.0
40.0
± 5.0
D
Max.
Ø d
Metallized Polyester Film Capacitor
Related Document: IEC 60384-2
MAIN APPLICATIONS:
Blocking, bypassing, filtering, timing, coupling and
decoupling, interference suppression in low voltage
applications.
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/
date of manufacture
DIELECTRIC:
Polyester film
ELECTRODES:
Vacuum deposited aluminum
COATING:
Plastic-wrapped, epoxy resin sealed. Also available as
flame retardant version.
CONSTRUCTION:
Extended metallized film (refer to general information)
LEADS:
Tinned wire
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
OPERATING TEMPERATURE RANGE:
- 55°C to + 100°C
CAPACITANCE RANGE:
470pF to 22µF
CAPACITANCE TOLERANCES:
± 20% (M), ± 10% (K), ± 5% (J)
RATED VOLTAGES (UR):
63 VDC, 100 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
40 VAC, 63 VAC, 160 VAC, 200 VAC, 220 VAC, 220 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE)
1.6 x UR for 2 s
INSULATION RESISTANCE:
Measured at 100 VDC (63 VDC series measured at 50 VDC)
after one minute
For C
≤ 0.33µF and UR > 100 VDC
30,000 MΩ minimum value (60,000 MΩ typical value)
For C
≤ 0.33µF and UR ≤ 100 VDC
15,000 MΩ minimum value (50,000 MΩ typical value)
TIME CONSTANT:
Measured at 100 VDC (63 VDC series measured at 50 VDC)
after one minute
For C > 0.33
µF and UR > 100 VDC
10,000 s minimum value (20,000 s typical value)
For C > 0.33
µF and UR ≤ 100 VDC
5000 s minimum value (15,000 s typical value)
CAPACITANCE DRIFT:
Up to + 40°C, ± 1.5% for a period of two years
DERATING FOR DC AND AC.
CATEGORY VOLTAGE UC:
At + 85°C: UC = 1.0 UR
At + 100°C: UC = 0.8 UR
SELF INDUCTANCE:
~ 12nH mesured with 6mm long leads
PULL TEST ON LEADS:
≥ 20 N in direction of leads accoring to IEC 60068-2-21
BEND TEST ON LEADS:
Two bends through 90°C with half of the force used in pull
test
RELIABILITY:
Operational life > 300,000 h
Failure rate < 2 FIT (40°C and 0.5 x UR)
For further details, please refer to the general information
provided in this catalog.
dD
0.6
≤ 5.0
0.7
> 5.0 ≤ 7.0
0.8
> 7.0 < 16.5
1.0
≥ 16.5
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
CAPACITOR
MAXIMUM PULSE RISE TIME dv/dt [V/µs]
LENGTH (mm)
63 VDC
100 VDC
250 VDC
400 VDC
630 VDC
1000 VDC
11
12
18
32
56
84
—
14
11
13
22
37
66
175
19
7
8
13
21
33
65
26.5
4
5
8
13
19
34
31.5
3
4
6
10
15
25
41.5
2
3
5
7
10
17
MAXIMUM PULSE RISE TIME
Dimensions in millimeters


Similar Part No. - MKT1813-422-014-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813-422-014-R VISHAY-MKT1813-422-014-R Datasheet
132Kb / 13P
Metallized Polyester Film Capacitor MKT Axial Type
06-Oct-08
MKT1813-422-014-R VISHAY-MKT1813-422-014-R Datasheet
147Kb / 15P
DC Film Capacitors MKT Axial Type
04-Jul-13
More results

Similar Description - MKT1813-422-014-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E6104RKF PANASONIC-ECQ-E6104RKF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6224KF PANASONIC-ECQ-E6224KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com