Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1813-422-014-R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  Metallized Polyester Film Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 4 Page - Vishay Siliconix

  MKT1813-422-014-R Datasheet HTML 1Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 2Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 3Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
34
MKT 1813
Vishay Roederstein
Document Number 26013
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
Metallized Polyester, Related Document.: IEC 60384-2
Permissible AC Voltage versus Frequency
f [Hz]
100
7
5
3
2
10
7
5
3
2
1
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105
0.15
0.33
0.47
2.2
4.7
10
15
22
1.0
63 VDC
Permissible AC Voltage versus Frequency
f [Hz]
100
7
5
3
2
10
7
5
3
2
1
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105
0.068
0.15
0.22
0.47
1
2.2
4.7
15
100 VDC
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105
0.015
0.047
0.15
0.33
1.0
2.2
10
4.7
250 VDC
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105
0.0068
0.022
0.047
0.1
0.22
0.47
2.2
1.0
400 VDC
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105
470
0.0022
0.0047
0.01
0.033
0.1
0.22
1.0
0.001
630 VDC
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105
1000
2200
4700
0.01
0.022
0.047
0.1
0.22
0.47
1000 VDC
Capacitance in pF and
µF
Capacitance in pF and
µF
Capacitance in
µF
Capacitance in
µF
Capacitance in
µF
Capacitance in
µF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com