Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4051-2ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4051-2ACPZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4051-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADA4051-1/ADA4051-2
Rev. C | Page 19 of 22
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 61. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-203-AA
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
1
2
4
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 62. 5-Lead Thin Shrink Small Outline Transistor Package [SC-70]
(KS-5)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com