Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4051-2ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4051-2ACPZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4051-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4051-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ADA4051-1/ADA4051-2
Data Sheet
Rev. C | Page 20 of 22
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 63. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.55
1.45
1.35
1.84
1.74
1.64
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED
PIN 1
INDICATOR
(R 0.15)
Figure 64. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-13)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADA4051-1ARJZ-R2
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A0U
ADA4051-1ARJZ-R7
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A0U
ADA4051-1ARJZ-RL
−40°C to +125°C
5-Lead Small Outline Transistor Package [SOT-23]
RJ-5
A0U
ADA4051-1AKSZ-R2
−40°C to +125°C
5-Lead Thin Shrink Small Outline Transistor Package [SC-70]
KS-5
A0U
ADA4051-1AKSZ-R7
−40°C to +125°C
5-Lead Thin Shrink Small Outline Transistor Package [SC-70]
KS-5
A0U
ADA4051-1AKSZ-RL
−40°C to +125°C
5-Lead Thin Shrink Small Outline Transistor Package [SC-70]
KS-5
A0U
ADA4051-2ACPZ-R2
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
A2M
ADA4051-2ACPZ-R7
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
A2M
ADA4051-2ACPZ-RL
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
A2M
ADA4051-2ARMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2M
ADA4051-2ARMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2M
ADA4051-2ARMZ-RL
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A2M
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com