Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F613H Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 41Page - Cypress Semiconductor MB95F613H Datasheet HTML 42Page - Cypress Semiconductor MB95F613H Datasheet HTML 43Page - Cypress Semiconductor MB95F613H Datasheet HTML 44Page - Cypress Semiconductor MB95F613H Datasheet HTML 45Page - Cypress Semiconductor MB95F613H Datasheet HTML 46Page - Cypress Semiconductor MB95F613H Datasheet HTML 47Page - Cypress Semiconductor MB95F613H Datasheet HTML 48Page - Cypress Semiconductor MB95F613H Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 45 of 110
PRELIMINARY
MB95610H Series
15.3 Port 2
Port 2 is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of peripheral
functions, refer to their respective chapters in “New 8FX MB95610H Series Hardware Manual”.
15.3.1 Port 2 configuration
Port 2 is made up of the following elements.
■ General-purpose I/O pins/peripheral function I/O pins
■ Port 2 data register (PDR2)
■ Port 2 direction register (DDR2)
15.3.2 Block diagrams of port 2
■ P20/SEG44/TI0 pin
This pin has the following peripheral functions:
❐ LCDC SEG44 output pin (SEG44)
❐ 16-bit reload timer ch. 0 input pin (TI0)
■ P23/SEG47/UI1 pin
This pin has the following peripheral functions:
❐ LCDC SEG47 output pin (SEG47)
❐ UART/SIO ch. 1 data input pin (UI1)
■ Block diagram of P20/SEG44/TI0 and P23/SEG47/UI1
PDR2
Pin
PDR2 read
PDR2 write
Executing bit manipulation instruction
DDR2 read
DDR2 write
DDR2
0
1
Stop mode, watch mode (SPL = 1)
Peripheral function input
Peripheral function input enable
LCD output
LCD output enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com