Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F613H Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 49Page - Cypress Semiconductor MB95F613H Datasheet HTML 50Page - Cypress Semiconductor MB95F613H Datasheet HTML 51Page - Cypress Semiconductor MB95F613H Datasheet HTML 52Page - Cypress Semiconductor MB95F613H Datasheet HTML 53Page - Cypress Semiconductor MB95F613H Datasheet HTML 54Page - Cypress Semiconductor MB95F613H Datasheet HTML 55Page - Cypress Semiconductor MB95F613H Datasheet HTML 56Page - Cypress Semiconductor MB95F613H Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 53 of 110
PRELIMINARY
MB95610H Series
■ P36/SEG42/EC1 pin
This pin has the following peripheral functions:
❐ LCDC SEG42 output pin (SEG42)
❐ 8/16-bit composite timer ch. 1 clock input pin (EC1)
■ Block diagram of P36/SEG42/EC1
15.4.3 Port 3 registers
■ Port 3 register functions
■ Correspondence between registers and pins for port 3
15.4.4 Port 3 operations
■ Operation as an output port
❐ A pin becomes an output port if the bit in the DDR3 register corresponding to that pin is set to “1”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ When a pin is used as an output port, it outputs the value of the PDR3 register to external pins.
❐ If data is written to the PDR3 register, the value is stored in the output latch and is output to the pin set as an output port as it is.
❐ Reading the PDR3 register returns the PDR3 register value.
Register
abbreviation
Data
Read
Read by read-modify-write
(RMW) instruction
Write
PDR3
0
Pin state is “L” level.
PDR3 value is “0”.
As output port, outputs “L” level.
1
Pin state is “H” level.
PDR3 value is “1”.
As output port, outputs “H” level.
DDR3
0
Port input enabled
1
Port output enabled
Correspondence between related register bits and pins
Pin name
P37
P36
P35
P34
P33
P32
P31
P30
PDR3
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DDR3
PDR3
Pin
PDR3 read
PDR3 write
Executing bit manipulation instruction
DDR3 read
DDR3 write
DDR3
0
1
Stop mode, watch mode (SPL = 1)
Peripheral function input
Peripheral function input enable
LCD output
LCD output enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com