Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C601 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB39C601
Description  High power factor in single conversion
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C601 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB39C601 Datasheet HTML 3Page - Cypress Semiconductor MB39C601 Datasheet HTML 4Page - Cypress Semiconductor MB39C601 Datasheet HTML 5Page - Cypress Semiconductor MB39C601 Datasheet HTML 6Page - Cypress Semiconductor MB39C601 Datasheet HTML 7Page - Cypress Semiconductor MB39C601 Datasheet HTML 8Page - Cypress Semiconductor MB39C601 Datasheet HTML 9Page - Cypress Semiconductor MB39C601 Datasheet HTML 10Page - Cypress Semiconductor MB39C601 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Document Number: 002-08393 Rev.*A
Page 7 of 37
MB39C601
6. Electrical Characteristics
(Ta = +25°C, VVDD = 12V)
Parameter
Symbol
Pin
No.
Condition
Value
Unit
Min
Typ
Max
VDD and
VCG SUPPLY
VCG voltage
(Operating)
VCG
(OPERATING)
5
VVDD=14V, IVCG=2.0mA
13
14
15
V
VCG voltage
(Disable)
VCG
(DISABLED)
5
VVDD=12V, IVCG=26µA,
IFB=350µA
15
16
17
V
VCG voltage
difference
ΔVCG
5
VCG(DISABLED)-
VCG(OPERATING)
1.75
2.00
2.15
V
VCG Shunt input
current
IVCG(SREG)
5
VVCG=VCG(DISABLED)-
100mV, VVDD=12V
-
12
26
µA
VCG Shunt Load
Regulation
ΔVCG(SREG)
5
26µA<IVCG ≤ 5mA, IFB=350µA
-
125
200
mV
VCG LDO
regulation voltage
VCG(LREG)
5
VVDD=20V, IVCG=-2mA
-
13
-
V
VCG LDO
Dropout voltage
VCG
(LREG, DO)
-
VDD-VCG,
VVDD=11V, IVCG=-2mA
-
2.0
2.8
V
UVLO Turn-on
threshold voltage
VDD(ON)
8
-
9.7
10.2
10.7
V
UVLO Turn-off
threshold voltage
VDD(OFF)
8
-
7.55
8.00
8.50
V
UVLO hysteresis
ΔVDD(UVLO)
8
VDD(ON) - VDD(OFF)
1.9
2.2
2.5
V
VDD switch on-
resistance
RDS, ON (VDD)
6,8
VVCG=12V, VVDD=7V,
IDRN=50mA
-
4*
10*
Ω
Fault Latch Reset
VDD voltage
VDD
(FAULT RESET)
8
-
5.6
6.0
6.4
V
MODULATION
Minimum
switching period
tSW(HF)
6
FM mode IFB=5µA
7.215
7.760
8.305
µs
Maximum
switching period
tSW(LF)
6
IFB=IFB, CNR3 -20µA
31.5
35.0
38.5
µs
DRN peak current
IDRN(peak)
6
IFB=5µA, IPCL=100μA
-
3*
-
A
6
IFB=5µA, IPCL=30μA
-
1*
-
A
Minimum peak
current for RPCL
open
IDRN (peak, absmin)
6
RPCL =OPEN
-
0.45*
-
A
ILIM blanking time
tBLANK (ILIM)
6
IFB=5µA, RPCL=100kΩ,
1.2A pull-up on DRN
-
400*
-
Ns
PCL voltage
VPCL
3
IFB=5µA
2.94
3.00
3.06
V
3
IFB=230µA
0.95
1.00
1.05
V
IFB range for
FM mode
IFB, CNR1
1
tS=tS(LF), IDRN=IDRN(peak, max)
145
165
195
µA
IFB range for
AM mode
IFB,CNR2-
IFB,CNR1
1
tS=tS(LF) , IDRN(peak) variation
range= IDRN(peak, max) to
IDRN(peak, min)
35
45
65
µA
IFB range for LPM
IFB,CNR3-
IFB,CNR2
1
-
50
70
90
µA
IFB hysteresis for
LPM
IFB, LPM-HYST
1
-
10
25
40
µA
FB voltage
VFB
1
IFB=10µA
0.34
0.70
0.84
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com