Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C601 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB39C601
Description  High power factor in single conversion
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C601 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB39C601 Datasheet HTML 4Page - Cypress Semiconductor MB39C601 Datasheet HTML 5Page - Cypress Semiconductor MB39C601 Datasheet HTML 6Page - Cypress Semiconductor MB39C601 Datasheet HTML 7Page - Cypress Semiconductor MB39C601 Datasheet HTML 8Page - Cypress Semiconductor MB39C601 Datasheet HTML 9Page - Cypress Semiconductor MB39C601 Datasheet HTML 10Page - Cypress Semiconductor MB39C601 Datasheet HTML 11Page - Cypress Semiconductor MB39C601 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Document Number: 002-08393 Rev.*A
Page 8 of 37
MB39C601
Parameter
Symbol
Pin
No.
Condition
Value
Unit
Min
Typ
Max
DRIVER
Driver on-
resistance
RDS(on)(DRN)
6,7
IDRN=4.0A
-
200*
400*
m
Ω
Driver off leakage
current
IDRN(OFF)
6,7
VDRN=12V
-
1.5
20.0
µA
High-side driver
on-resistance
RDS(on)(HSDRV)
5,6
High-side
Driver current=50mA
-
6*
11*
Ω
DRN discharge
current
IDIS
6,7
VDD=OPEN, DRN=12V,
Fault latch set
2.38
3.40
4.42
mA
TRANSFORMER
ZERO ENERGY
DETECTION
TZE zero energy
threshold voltage
VTZE(TH)
2
-
5*
20*
50*
mV
TZE clamp
voltage
VTZE(CLAMP)
2
ITZE= -10µA
-200
-160
-100
mV
Start timer
operation
threshold voltage
VTZE(START)
2
-
0.10
0.15
0.20
V
Driver turn-on
Delay time
tDRY(TZE)
6
150
Ω pull-up 12V on DRN
-
150
-
Ns
Wait time for zero
energy detection
tWAIT(TZE)
6
-
2.0
2.4
2.8
µs
Start timer period
tST
6
VTZE=0V
150
240
300
µs
OVERVOLTAGE
FAULT
OVP threshold
voltage
VTZE(OVP)
2
-
4.85
5.00
5.15
V
OVP blanking time
tBLANK, OVP
6
-
0.6
1.0
1.7
µs
Input bias current
ITZE(bias)
2
VTZE=5V
-0.1
0
+0.1
µA
OVERLOAD FAULT
Over Load
detection current
IFB(OL)
1
-
0*
1.5*
3.0*
µA
Over Load delay
time
tOL
6
IFB=0A
200
250
300
Ms
Retry time after
Over Load
tRETRY
6
ROTM=76kΩ
-
750
-
Ms
Over Load
detection
boundary
resistance
ROTM(TH)
4
-
100
120
150
k
Ω
SHUTDOWN
THRESHOLD
Shutdown
Threshold voltage
VOTM(Vth)
4
OTM=
0.7
1.0
1.3
V
Shutdown OTM
current
IOTM, PU
4
VOTM = VOTM(vth)
-600
-450
-300
µA
MAXIMUM ON
TIME
ON-Time
tOTM
6
ROTM=383kΩ
3.74
4.17
4.60
µs
6
ROTM=76kΩ
3.4
3.8
4.2
µs
OTM voltage
VOTM
4
-
2.7
3.0
3.3
V
OTP
Protection
temperature
TSD
-
Tj, temperature rising
-
+150*
-
°C
Protection
temperature
hysteresis
TSD_HYS
-
Tj, temperature falling,
degrees below TSD
-
25*
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com