Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95650L Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # MB95650L
Description  F2MC-8FX CPU core
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95650L Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button MB95650L Datasheet HTML 79Page - Cypress Semiconductor MB95650L Datasheet HTML 80Page - Cypress Semiconductor MB95650L Datasheet HTML 81Page - Cypress Semiconductor MB95650L Datasheet HTML 82Page - Cypress Semiconductor MB95650L Datasheet HTML 83Page - Cypress Semiconductor MB95650L Datasheet HTML 84Page - Cypress Semiconductor MB95650L Datasheet HTML 85Page - Cypress Semiconductor MB95650L Datasheet HTML 86Page - Cypress Semiconductor MB95650L Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 83 of 105
MB95650L Series
(VCC = 3.0 V to 5.5 V, VSS = 0.0 V, TA = 40 °C to 85 °C)
(Continued)
Parameter
Symbol
Pin
name
Condition
Value*2
Unit
Remarks
Min
Max
Data setup time tSU;DAT
SCL0,
SCL1,
SDA0,
SDA1
R = 1.7 k
,
C = 50 pF*1
(-2
 nm/2) tMCLK  20 (-1  nm/2) tMCLK  20
ns
Master mode
It is assumed that “L”
of SCL is not
extended. The
minimum value is
applied to the first bit
of continuous data.
Otherwise, the
maximum value is
applied.
Setup time
between
clearing
interrupt and
SCL rising
tSU;INT
SCL0,
SCL1
(nm/2) tMCLK  20
(1
 nm/2) tMCLK  20
ns
The minimum value
is applied to the
interrupt at the ninth
SCL
. The maximum
value is applied to
the interrupt at the
eighth SCL
.
SCL clock “L”
width
tLOW
SCL0,
SCL1
4 tMCLK  20
—
ns At reception
SCL clock “H”
width
tHIGH
SCL0,
SCL1
4 tMCLK  20
—
ns At reception
START
condition
detection
tHD;STA
SCL0,
SCL1,
SDA0,
SDA1
2 tMCLK  20
—
ns
No START condition
is detected when
1tMCLK is used at
reception.
STOP condition
detection
tSU;STO
SCL0,
SCL1,
SDA0,
SDA1
2 tMCLK  20
—
ns
No STOP condition is
detected when
1tMCLK is used at
reception.
RESTART
condition
detection
condition
tSU;STA
SCL0,
SCL1,
SDA0,
SDA1
2 tMCLK  20
—
ns
No RESTART
condition is detected
when 1 tMCLK is used
at reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com