Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C84 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16C84
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16C84 Datasheet HTML 35Page - Microchip Technology PIC16C84 Datasheet HTML 36Page - Microchip Technology PIC16C84 Datasheet HTML 37Page - Microchip Technology PIC16C84 Datasheet HTML 38Page - Microchip Technology PIC16C84 Datasheet HTML 39Page - Microchip Technology PIC16C84 Datasheet HTML 40Page - Microchip Technology PIC16C84 Datasheet HTML 41Page - Microchip Technology PIC16C84 Datasheet HTML 42Page - Microchip Technology PIC16C84 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
© 1995 Microchip Technology Inc.
DS30081F-page 39
PIC16C8X
8.2
Oscillator Configurations
8.2.1
OSCILLATOR TYPES
The PIC16C8X can be operated in four different
oscillator
modes.
The
user
can
program
two
configuration bits (FOSC1 and FOSC0) to select one of
these four modes:
• LP
Low Power Crystal
• XT
Crystal/Resonator
• HS
High Speed Crystal/Resonator
• RC
Resistor/Capacitor
8.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT, LP or HS modes a crystal or ceramic resonator
is connected to the OSC1/CLKIN and OSC2/CLKOUT
pins to establish oscillation (Figure 8-4).
FIGURE 8-4:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS, XT OR LP OSC
CONFIGURATION)
The PIC16C8X oscillator design requires the use of a
parallel cut crystal. Use of a series cut crystal may give
a
frequency
out
of
the
crystal
manufacturers
specifications. When in XT, LP or HS modes, the
device can have an external clock source to drive the
OSC1/CLKIN pin (Figure 8-5).
FIGURE 8-5:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR LP
OSC CONFIGURATION)
See Table 8-1 and Table 8-3 for recommended
values of C1 and C2.
Note 1: A series resistor may be required for AT
strip cut crystals.
C1
C2
XTAL
OSC2
Note1
OSC1
RF
SLEEP
To internal
logic
PIC16CXX
RS
OSC1
OSC2
Open
Clock from
ext. system
PIC16CXX
TABLE 8-1:
PIC16C84 CAPACITOR
SELECTION FOR CERAMIC
RESONATORS
TABLE 8-2:
PIC16C83/R83/84A/R84
CAPACITOR SELECTION
FOR CERAMIC
RESONATORS
Ranges Tested:
Mode
Freq
OSC1/C1
OSC2/C2
XT
455 kHz
2.0 MHz
4.0 MHz
47 - 100 pF
15 - 33 pF
15 - 33 pF
47 - 100 pF
15 - 33 pF
15 - 33 pF
HS
8.0 MHz
10.0 MHz
15 - 33 pF
15 - 33 pF
15 - 33 pF
15 - 33 pF
Note :
Recommended values of C1 and C2 are identical
to the ranges tested table.
Higher capacitance increases the stability of the
oscillator but also increases the start-up time.
These values are for design guidance only. Since
each resonator has its own characteristics, the user
should consult the resonator manufacturer for the
appropriate values of external components.
Resonators Tested:
455 kHz
Panasonic EFO-A455K04B
± 0.3%
2.0 MHz
Murata Erie CSA2.00MG
± 0.5%
4.0 MHz
Murata Erie CSA4.00MG
± 0.5%
8.0 MHz
Murata Erie CSA8.00MT
± 0.5%
10.0 MHz
Murata Erie CSA10.00MTZ
± 0.5%
None of the resonators had built-in capacitors.
Ranges Tested:
Mode
Freq
OSC1/C1
OSC2/C2
XT
455 kHz
2.0 MHz
4.0 MHz
47 - 100 pF
15 - 33 pF
15 - 33 pF
47 - 100 pF
15 - 33 pF
15 - 33 pF
HS
8.0 MHz
10.0 MHz
15 - 33 pF
15 - 33 pF
15 - 33 pF
15 - 33 pF
Note :
Recommended values of C1 and C2 are identical
to the ranges tested table.
Higher capacitance increases the stability of the
oscillator but also increases the start-up time.
These values are for design guidance only. Since
each resonator has its own characteristics, the user
should consult the resonator manufacturer for the
appropriate values of external components.
Resonators Tested:
455 kHz
Panasonic EFO-A455K04B
± 0.3%
2.0 MHz
Murata Erie CSA2.00MG
± 0.5%
4.0 MHz
Murata Erie CSA4.00MG
± 0.5%
8.0 MHz
Murata Erie CSA8.00MT
± 0.5%
10.0 MHz
Murata Erie CSA10.00MTZ
± 0.5%
None of the resonators had built-in capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com