Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C84 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16C84
Description  8 BIT CMOS EEPROM MICROCONTROLLERS
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16C84 Datasheet HTML 45Page - Microchip Technology PIC16C84 Datasheet HTML 46Page - Microchip Technology PIC16C84 Datasheet HTML 47Page - Microchip Technology PIC16C84 Datasheet HTML 48Page - Microchip Technology PIC16C84 Datasheet HTML 49Page - Microchip Technology PIC16C84 Datasheet HTML 50Page - Microchip Technology PIC16C84 Datasheet HTML 51Page - Microchip Technology PIC16C84 Datasheet HTML 52Page - Microchip Technology PIC16C84 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
© 1995 Microchip Technology Inc.
DS30081F-page 49
PIC16C8X
8.5.1
INT INTERRUPT
External interrupt on RB0/INT pin is edge triggered:
either rising if INTEDG bit (OPTION<6>) is set, or
falling, if INTEDG bit is clear. When a valid edge
appears
on
the
RB0/INT
pin,
the
INTF
bit
(INTCON<1>) is set. This interrupt can be disabled by
clearing control bit INTE (INTCON<4>). Flag bit INTF
must be cleared in software via the interrupt service
routine before re-enabling this interrupt. The INT
interrupt can wake the processor from SLEEP
(Section 8.8) only if the INTE bit was set prior to going
into SLEEP. The status of the GIE bit decides whether
the processor branches to the interrupt vector
following wake-up.
8.5.2
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in TMR0 will set flag bit T0IF
(INTCON<2>). The interrupt can be enabled/disabled
by setting/clearing enable bit T0IE (INTCON<5>)
(Section 6.0).
8.5.3
PORT RB INTERRUPT
An input change on PORTB<7:4> sets flag bit RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit RBIE (INTCON<3>)
(Section 5.2).
Note 1: For the PIC16C84 Only;
If a change on an I/O pin should occur
when a read operation of PORTB is being
executed (start of the Q2 cycle), the RBIF
interrupt flag bit may not get set.
Note 2: For all other PIC16C8X devices;
For a change on the I/O pin to be
recognized, the pulse width must be at
least TCY wide.
8.6
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users wish to save key register
values during an interrupt (e.g., W register and
STATUS register). This is implemented in software.
Example 8-1 stores and restores the STATUS and W
register’s values. The User defined registers, W_TEMP
and STATUS_TEMP are the temporary storage
locations for the W and STATUS registers values.
Example 8-1 does the following:
a)
Stores the W register.
b)
Stores the STATUS register in STATUS_TEMP.
c)
Executes the Interrupt Service Routine code.
d)
Restores the STATUS (and bank select bit)
register.
e)
Restores the W register.
EXAMPLE 8-1:
SAVING STATUS AND W REGISTERS IN RAM
PUSH
MOVWF
W_TEMP
; Copy W to TEMP register,
SWAPF
STATUS, W
; Swap status to be saved into W
MOVWF
STATUS_TEMP
; Save status to STATUS_TEMP register
ISR
:
:
:
; Interrupt Service Routine
:
;
should configure Bank as required
:
;
POP
SWAPF
STATUS_TEMP, W
; Swap nibbles in STATUS_TEMP register
; and place result into W
MOVWF
STATUS
; Move W into STATUS register
;
(sets bank to original state)
SWAPF
W_TEMP, F
; Swap nibbles in W_TEMP and place result in W_TEMP
SWAPF
W_TEMP, W
; Swap nibbles in W_TEMP and place result into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com