Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2633 Datasheet(PDF) 4 Page - NEC

Part # PS2633
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2633 Datasheet(HTML) 4 Page - NEC

  PS2633 Datasheet HTML 1Page - NEC PS2633 Datasheet HTML 2Page - NEC PS2633 Datasheet HTML 3Page - NEC PS2633 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORMALIZED OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Time (HR)
Load Resistance, RL (
Ω)
SWITCHING TIME
vs. LOAD RESISTANCE
CURRENT TRANSFER RATIO (CTR)
vs. FORWARD CURRENT
Forward Current, IF (mA
)
Frequency, f (kHz)
PS2633, PS2633L, PS2634, PS2634L
Normalized to 1.0
at TA = 25 ˚C
IF = 1 mA, VCE = 2 V
1.2
-50
-25
0
25
50
1.0
0.8
0.6
0.4
0.2
75
100
0
VCE = 2 V
4000
3000
2000
1000
0.1
0.5
1
5000
0
510
20
Sample A
Sample B
100
50
10
5
20
50
100
300
1
500
1 k
2 k
VCC = 10 V, IC = 10 mA
Pulse Width = 5 ms
Duty Cycle = 1/2
tr
td
tf
ts
FREQUENCY RESPONSE
VCE = 4 V, IC = 10 mA
VIN = 0.1 VP-P
1 k
Ω
VIN
1
µF
47
Ω
VOUT
RL
1 k
Ω
100
Ω
10
Ω
-5
-10
-15
-20
-25
0.01
0.1
1
0
-30
10
100
CTR DEGRADATION
IF = 1 mA
0.8
0.6
0.4
0.2
0
10
102
1.2
1.0
103
104
105
106
TA = 25 ˚C
TA = 60 ˚C
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -3/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com