Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2633 Datasheet(PDF) 1 Page - NEC

Part # PS2633
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2633 Datasheet(HTML) 1 Page - NEC

  PS2633 Datasheet HTML 1Page - NEC PS2633 Datasheet HTML 2Page - NEC PS2633 Datasheet HTML 3Page - NEC PS2633 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
•
HIGH ISOLATION VOLTAGE
BV: 5 k Vr.m.s. MIN
•
HIGH COLLECTOR TO EMITTER VOLTAGE
VCEO: 300 V MIN
•
ULTRA HIGH CURRENT TRANSFER RATIO
CTR: 1000% MIN
•
HIGH SPEED SWITCHING
tr,tf = 100
µs TYP
DESCRIPTION
PS2633, PS2633L, PS2634, and PS2634L are optically
coupled isolators containing a GaAs light emitting diode and
an NPN silicon Darlington-connected phototransistor.
PS2633 and PS2634 are in a plastic DIP (Dual In-Line
Package). Ps2633L and PS2634L are lead bending type
(Gull-wing) for surface mount. PS2633 and PS2633L have a
base pin and PS2634 and PS2634L have no base pin.
PS2633
PS2633L
PS2634
PS2634L
HIGH ISOLATION VOLTAGE
HIGH COLLECTOR TO EMITTER
VOLTAGE DARLINGTON TYPE
6 PIN OPTOCOUPLER
PART NUMBER
PS2633, PS2633L, PS2634, PS2634L
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.15
1.4
IR
Reverse Current, VR = 5 V
µA5
C
Junction Capacitance, V = 0, f = 1.0 MHz
pF
30
ICEO
Collector to Emitter Dark Current
nA
400
VCE = 300 V, IF = 0
BVCEO
Collector to Emitter Breakdown Voltage
V
300
IC = 1 mA, IB = 0
BVEBO
Emitter to Base Breakdown Voltage1
V6
IE = 100
µA, IC = 0
CTR
Current Transfer Ratio, IF =1 mA, VCE = 2 V
%
1000
4000
15000
VCE(sat)
Collector Saturation Voltage, IF =1 mA, IC = 2 mA
V
1.0
R1-2
Isolation Resistance, Vin-out = 1.0 k VDC
Ω
1011
C1-2
Isolation Capacitance, V = 0, f = 1.0 MHz
pF
0.6
tr
Rise Time2, VCC = 5 V, IC = 10 mA
µs
100
tf
Fall Time2, VCC = 5 V, IC = 10 mA
µs
100
ELECTRICAL CHARACTERISTICS (TA = 25°C)
1. Only PS2633, PS2633L
2. Test Circuit for Switching Time
APPLICATIONS
•
TELEPHONE/TELEGRAPH LINE RECEIVER
•
POWER SUPPLY
PULSE INPUT
PW = 100
µs
Duty Cycle = 1/10
()
IF
Vout
RL = 100
Ω
50
Ω
1
2
5
4
VCC
65
4
12
3
65
4
12
3
PS2633
PS2634
PS2634
PS2633
PULSE INPUT
PW = 100
µs
Duty Cycle = 1/10
()
IF
Vout
RL = 100
Ω
50
Ω
1
2
5
4
6
VCC
California Eastern Laboratories


Similar Part No. - PS2633

ManufacturerPart #DatasheetDescription
logo
NEC
PS2633 NEC-PS2633 Datasheet
223Kb / 38P
Optocoupler Applications
PS2633L NEC-PS2633L Datasheet
223Kb / 38P
Optocoupler Applications
More results

Similar Description - PS2633

ManufacturerPart #DatasheetDescription
logo
NEC
PS2603 NEC-PS2603 Datasheet
119Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
PS2832 NEC-PS2832 Datasheet
75Kb / 7P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-4-500E AVAGO-CNY17-4-500E Datasheet
142Kb / 7P
Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-000E AVAGO-CNY17-000E Datasheet
142Kb / 7P
Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-2-300E AVAGO-CNY17-2-300E Datasheet
113Kb / 7P
Phototransistor Optocoupler High Collector-Emitter Voltage Type
logo
California Eastern Labs
PS2607 CEL-PS2607 Datasheet
129Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
PS2603 CEL-PS2603 Datasheet
123Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1_15 Datasheet
253Kb / 15P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE
PS2535-1 RENESAS-PS2535-1_15 Datasheet
242Kb / 15P
HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com