Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW43364 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYW43364
Description  Single-band 2.4 GHz IEEE 802.11b/g/n
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43364 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYW43364 Datasheet HTML 9Page - Cypress Semiconductor CYW43364 Datasheet HTML 10Page - Cypress Semiconductor CYW43364 Datasheet HTML 11Page - Cypress Semiconductor CYW43364 Datasheet HTML 12Page - Cypress Semiconductor CYW43364 Datasheet HTML 13Page - Cypress Semiconductor CYW43364 Datasheet HTML 14Page - Cypress Semiconductor CYW43364 Datasheet HTML 15Page - Cypress Semiconductor CYW43364 Datasheet HTML 16Page - Cypress Semiconductor CYW43364 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Document Number: 002-14781 Rev. *C
Page 13 of 68
PRELIMINARY
CYW43364
3.3 External 32.768 kHz Low-Power Oscillator
The CYW43364 uses a secondary low-frequency sleep clock for low-power mode timing. Either the internal low-precision LPO or an
external 32.768 kHz precision oscillator is required. The internal LPO frequency range is approximately 33 kHz ± 30% over process,
voltage, and temperature, which is adequate for some applications. However, one trade-off caused by this wide LPO tolerance is a
small current consumption increase during power save mode that is incurred by the need to wake up earlier to avoid missing beacons.
Whenever possible, the preferred approach is to use a precision external 32.768 kHz clock that meets the requirements listed in Table
4 on page 13.
Note: The CYW43364 will auto-detect the LPO clock. If it senses a clock on the EXT_SLEEP_CLK pin, it will use that clock. If it
doesn't sense a clock, it will use its own internal LPO.
■ To use the internal LPO: Tie EXT_SLEEP_CLK to ground. Do not leave this pin floating.
■ To use an external LPO: Connect the external 32.768 kHz clock to EXT_SLEEP_CLK.
Table 4. External 32.768 kHz Sleep-Clock Specifications
Parameter
LPO Clock
Units
Nominal input frequency
32.768
kHz
Frequency accuracy
±200
ppm
Duty cycle
30–70
%
Input signal amplitude
200–3300
mV, p-p
Signal type
Square wave or sine wave
–
Input impedancea
a. When power is applied or switched off.
>100
kΩ
<5
pF
Clock jitter
<10,000
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com