Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW43364 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYW43364
Description  Single-band 2.4 GHz IEEE 802.11b/g/n
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43364 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYW43364 Datasheet HTML 17Page - Cypress Semiconductor CYW43364 Datasheet HTML 18Page - Cypress Semiconductor CYW43364 Datasheet HTML 19Page - Cypress Semiconductor CYW43364 Datasheet HTML 20Page - Cypress Semiconductor CYW43364 Datasheet HTML 21Page - Cypress Semiconductor CYW43364 Datasheet HTML 22Page - Cypress Semiconductor CYW43364 Datasheet HTML 23Page - Cypress Semiconductor CYW43364 Datasheet HTML 24Page - Cypress Semiconductor CYW43364 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Document Number: 002-14781 Rev. *C
Page 21 of 68
PRELIMINARY
CYW43364
4.2.3 Boot-Up Sequence
After power-up, the gSPI host needs to wait 50 ms for the device to be out of reset. For this, the host needs to poll with a read command
to F0 address 0x14. Address 0x14 contains a predefined bit pattern. As soon as the host gets a response back with the correct register
content, it implies that the device has powered up and is out of reset. After that, the host needs to set the wake-up WLAN bit (F0 reg
0x00 bit 7). Wake-up WLAN turns the PLL on; however, the PLL doesn't lock until the host programs the PLL registers to set the crystal
frequency.
For the first time after power-up, the host needs to wait for the availability of the low-power clock inside the device. Once it is available,
the host needs to write to a PMU register to set the crystal frequency. This will turn on the PLL. After the PLL is locked, the chipActive
interrupt is issued to the host. This indicates device awake/ready status. See Table 7 for information on gSPI registers.
In Table 7, the following notation is used for register access:
■ R: Readable from host and CPU
■ W: Writable from host
■ U: Writable from CPU
Table 7. gSPI Registers
Address
Register
Bit
Access
Default
Description
x0000
Word length
0
R/W/U
0
0: 16-bit word length
1: 32-bit word length
Endianess
1
R/W/U
0
0: Little endian
1: Big endian
High-speed mode
4
R/W/U
1
0: Normal mode. Sample on SPICLK rising edge, output
on falling edge.
1: High-speed mode. Sample and output on rising edge of
SPICLK (default).
Interrupt polarity
5
R/W/U
1
0: Interrupt active polarity is low.
1: Interrupt active polarity is high (default).
Wake-up
7
R/W
0
A write of 1 denotes a wake-up command from host to
device. This will be followed by an F2 interrupt from the
gSPI device to host, indicating device awake status.
x0002
Status enable
0
R/W
1
0: No status sent to host after a read/write.
1: Status sent to host after a read/write.
Interrupt with status
1
R/W
0
0: Do not interrupt if status is sent.
1: Interrupt host even if status is sent.
x0003
Reserved
–
–
–
–
x0004
Interrupt register
0R/W
0
Requested data not available. Cleared by writing a 1 to this
location.
1
R
0
F2/F3 FIFO underflow from the last read.
2
R
0
F2/F3 FIFO overflow from the last write.
5
R
0
F2 packet available
6
R
0
F3 packet available
7
R
0
F1 overflow from the last write.
x0005
Interrupt register
5
R
0
F1 Interrupt
6
R
0
F2 Interrupt
7
R
0
F3 Interrupt
x0006,
x0007
Interrupt enable
register
15:0
R/W/U
16'hE0E7
Particular interrupt is enabled if a corresponding bit is set.
x0008 to
x000B
Status register
31:0
R
32'h0000
Same as status bit definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com