Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F465KA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB91F465KA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KA Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB91F465KA Datasheet HTML 1Page - Cypress Semiconductor MB91F465KA Datasheet HTML 2Page - Cypress Semiconductor MB91F465KA Datasheet HTML 3Page - Cypress Semiconductor MB91F465KA Datasheet HTML 4Page - Cypress Semiconductor MB91F465KA Datasheet HTML 5Page - Cypress Semiconductor MB91F465KA Datasheet HTML 6Page - Cypress Semiconductor MB91F465KA Datasheet HTML 7Page - Cypress Semiconductor MB91F465KA Datasheet HTML 8Page - Cypress Semiconductor MB91F465KA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 5 of 86
86
FR external bus
yes (32bit addr, 32bit data)
-
External Interrupts
16 ch
10 ch
NMI Interrupts
1 ch
-
SMC
6 ch
-
LCD controller (40x4)
1 ch
-
ADC (10 bit)
32 ch
26 ch
Alarm Comparator
2 ch
-
Supply Supervisor
(low voltage detection)
yes
yes
Clock Supervisor
yes
yes
Main clock oscillator
4MHz
4MHz
Sub clock oscillator
32kHz
32kHz
RC Oscillator
100kHz
100kHz / 2MHz
PLL
x 20
x 20
DSU4
yes
-
EDSU
yes (32 BP) [1]
yes (4 BP) [1]
Supply Voltage
3V / 5V
3V / 5V
Regulator
yes
yes
Power Consumption
n.a.
< 900 mW
Temperature Range (TA)
0..70 °C
-40..105°C
Package
BGA660
LQFP120
Power on to PLL run
< 20 ms
< 20 ms
Flash Download Time
n.a.
< 5 sec typical
1. MPU channels use EDSU breakpoint registers (shared operation between MPU and EDSU).
Feature
MB91V460A
(Evaluation device)
MB91F465KA
MB91F465KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com