Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F465KA Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # MB91F465KA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KA Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button MB91F465KA Datasheet HTML 65Page - Cypress Semiconductor MB91F465KA Datasheet HTML 66Page - Cypress Semiconductor MB91F465KA Datasheet HTML 67Page - Cypress Semiconductor MB91F465KA Datasheet HTML 68Page - Cypress Semiconductor MB91F465KA Datasheet HTML 69Page - Cypress Semiconductor MB91F465KA Datasheet HTML 70Page - Cypress Semiconductor MB91F465KA Datasheet HTML 71Page - Cypress Semiconductor MB91F465KA Datasheet HTML 72Page - Cypress Semiconductor MB91F465KA Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 69 of 86
86
(VDD5 AVCC5 3.0 V to 5.5 V, VSS5 AVSS5 0 V, TA 40°C to  105°C)
Parameter
Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input “L”
voltage
VILXDF
X0
-
VSS  0.3
-
0.2
VDD
V
External clock in
“Fast Clock Input
mode”
Output “H”
voltage
VOH2
Normal
outputs
4.5V
VDD
5.5V,
IOH   2mA
VDD  0.5
--
V
Driving strength set to
2 mA
3.0V
VDD
4.5V,
IOH   1.6mA
VOH5
Normal
outputs
4.5V
VDD
5.5V,
IOH   5mA
VDD  0.5
--
V
Driving strength set to
5 mA
3.0V
VDD
4.5V,
IOH   3mA
VOH3
I2C
outputs
3.0V
VDD
5.5V,
IOH   3mA
VDD  0.5
--
V
Output “L“
voltage
VOL2
Normal
outputs
4.5V
VDD
5.5V,
IOL   2mA
--
0.4
V
Driving strength set to
2 mA
3.0V
VDD
4.5V,
IOL   1.6mA
VOL5
Normal
outputs
4.5V
VDD
5.5V,
IOL   5mA
--
0.4
V
Driving strength set to
5 mA
3.0V
VDD
4.5V,
IOL   3mA
VOL3
I2C
outputs
3.0V
VDD
5.5V,
IOL   3mA
--
0.4
V
Input leakage
current
IIL
Pnn_m [1]
1. Pnn_m includes all GPIO pins. Analog (AN) channels and Pull-Up/Pull-Down are disabled.
3.0V
VDD
5.5V
TA=25 C
 1
-
 1
A
VSS5 < VI < VDD
3.0V
VDD
5.5V
TA=105 C
 3
-
 3
A
Analog input
leakage
current
IAIN
ANn [2]
2. ANn includes all pins where AN channels are enabled.
3.0V
VDD
5.5V
TA=25 C
 1
-
 1
A
AVSS5 < VI < AVCC5,
AVRH5
3.0V
VDD
5.5V
TA=105 C
 3
-
 3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com