Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9025AC-RNBGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 1 Page - Integrated Device Technology

  P9025AC-RNBGI Datasheet HTML 1Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 2Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 3Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 4Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 5Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 6Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 7Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 8Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATASHEET
P9025AC 09/01/15
1
©2015 Integrated Device Technology, Inc.
5W, Qi Wireless Power Receiver with Integrated
Rectifier and LDO Output
P9025AC
Features
Integrated Single Chip Receiver (Rx) Solution
Integrated Full-Bridge Synchronous Rectifier
Integrated 5.3V, 1A LDO Regulator Output
WPC-1.1.2 compliant
Advanced WPC v1.1.2 Foreign Object Detection (FOD)
Programmable FOD setting via external resistor
Closed-loop power transfer control between Tx and Rx
Support I2C interface with access to:
Rectifier voltage
Output current
Resonance frequency
Open-Drain LED Indicator Output
Over-Temperature/Voltage/Current Protection
0° to +85°C temperature range
5 x 5 mm 32-VFQFPN package
Applications
PC peripherals
Rugged electronic gear
Small appliances
Battery-powered electronics
Introduction
The P9025AC is an integrated single-chip, WPC-1.1.2
compliant wireless power receiver with an advanced Foreign
Object Detection (FOD) feature. This device operates with an
AC power signal from a resonant tank and converts it into a
regulated 5.3V output voltage. The receiver includes a high
efficiency Synchronous Full Bridge Rectifier and 5.3V tracking
LDO output stage. The P9025AC automatically detects the
transmitter’s presence and initiates WPC AC modulation
communication protocols with optimal efficiency.
The device includes the control circuit required to modulate
the load to transmit WPC-compliant message packets to the
base station. It uses minimal external components to reduce
overall solution area and costs.
The P9025AC employs advanced programmable WPC FOD
techniques to detect foreign metallic objects placed on the
transmitter base station derived from a transmitted and
received power transfer algorithm.
Typical Application Circuit
P9025AC
AC1
VRECT
CRECT
STAT
R1
AGND
AC2
SCL
SDA
SCL
SDA
CS
CD
EN
OUT
COUT
VOUT=5.3V
Enable
ACM1
ACM2
CMOD1
CMOD2
CCLAMP2
CCLAMP1
CBST1
CBST2
CLAMP2
BST2
BST1
CLAMP1
PGND
ILIM
Rlim
TEOP
Charge 
Complete
INT
LRX
FOD1
RFOD1
C1
VDD
FOD2
RFOD2
Interupt
Temperature 
Sense
CHG_END / CS100
SNS


Similar Part No. - P9025AC-RNBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9025AC RENESAS-P9025AC Datasheet
814Kb / 21P
5W, Qi Wireless Power Receiver with Integrated Rectifier and LDO Output
09/01/15
More results

Similar Description - P9025AC-RNBGI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
Renesas Technology Corp
P9025AC RENESAS-P9025AC Datasheet
814Kb / 21P
5W, Qi Wireless Power Receiver with Integrated Rectifier and LDO Output
09/01/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com