Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9025AC-RNBGI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 8Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 9Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 10Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 11Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 12Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 13Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 14Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 15Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
12
09/01/15
P9025AC DATASHEET
Bit Encoding Scheme
As required by the WPC, the P9025AC uses a differential
bi-phase encoding scheme to modulate data bits onto the
Power Signal. A clock frequency of 2kHz is used for this
purpose. A logic ONE bit is encoded by generating two
transitions per clock period, whereas a logic ZERO bit is
encoded using only one transition per clock period as shown
below:
Figure 4. Bit Encoding Scheme
Each byte in the communication packet comprises 11bits in an
asynchronous serial format, as shown below:
Figure 5. Byte Encoding Scheme
Each byte has a start bit, 8 data bits, a parity bit, and a single
stop bit.
System Feedback Control
The P9025AC is fully compatible with WPC specification Rev.
1.1.2 and has all necessary circuitry to communicate with the
base station via WPC-compliant communication packets.
The overall WPC-compliant system behavior between the
transmitter and receiver follows the state machine below:
Figure 6. WPC System Feedback Control
The P9025AC goes through four phases: Start/Selection,
Ping, Identification & Configuration, and Power Transfer.
Start/Selection
In this phase, the P9025AC senses the incoming power from
the base station transmitter and proceeds to the PING state. It
monitors the rectified voltage, and when the voltage is above
the VRECT, UVLO threshold, the P9025AC wakes up its digital
electronics and prepares to communicate with the base
station. If the P9025AC does not proceed to PING, then it does
not transmit any communication packets.
Ping
In this phase, the P9025AC transmits a Signal Strength
Packet as the first communication packet to instruct the base
to keep the power signal ON. After sending the Signal
Strength Packet, the P9025AC proceeds to the Identification
and Configuration phase. If, instead, the P9025AC sends End
of Power Packets, then it remains in the PING phase.
In this phase, the P9025AC sends the following packets:
Signal Strength Packet
End of Power Packet
Identification and Configuration (ID & Config)
In this phase, the P9025AC may send the following packets:
Identification Packet
Configuration Packet
After sending the Configuration Packet, the P9025AC
proceeds to the power transfer phase.
Power Transfer
In this phase, the P9025AC controls the power transfer from
the Power Transmitter by means of the following Control Data
Packets:
Control Error Packets
Rectified Power Packet
End Power Transfer Packet
Modulation
The P9025AC is compatible with WPC V1.1.2 transmitter
coils. Each receiver coil type has a unique inductance value
and various physical properties as are best for a given
application. As such, the resonant capacitor (CS) that is used
with a given receiver coil should be optimized for the overall
application. The WPC guidance for Cs is that the resonant
frequency of the receiver coil and Cs capacitor should be
100kHz while placed on the surface of a transmitter with the
normal spacing.
tCLK
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
Start
Stop
Parity
b
01
2
3
4
5
6
7
b
bbbb
b
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com