Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9235A-RNDGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # P9235A-RNDGI8
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  P9235A-RNDGI8 Datasheet HTML 1Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 2Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 3Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 4Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 5Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 6Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 7Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 8Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
2
May 17, 2016
Absolute Maximum Ratings
These absolute maximum ratings are stress ratings only. Stresses greater than those listed in Table 3, 4 and 5 may cause permanent
damage to the device. Functional operation of the P9235A-R at absolute maximum ratings is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect long-term reliability.
Table 1. Absolute Maximum Ratings Summary (All voltages are referred to ground.)
Pins
Rating
Units
EN
¯¯ , VIN, SW_B, VBRG_IN, SW_BRG1, SW_BRG2, ISNS_H, ISNS_L, BST_BRG1, BST_BRG2, GH_BRG1,
GH_BRG2
-0.3 to 28
V
VO_5, VO_33, VIN_LDO, LED_GRN, LED_RED, VDDIO, GPIO_A4, GPIO_B2, GPIO_B3, RSVD1, RSVD2,
SCL, SDA, ILIM, LED_PAT, TS, BUZ, GL_BRG1, GL_BRG2, VSNS_IN, ISNS_IN, ISNS_OUT, VDRV_IN
-0.3 to 6
V
GND_S, GND_BRG, VSNS_GND, GND_B, EPGND
+0.3
V
LDO18
-0.3 to 2
V
Thermal Characteristics
Table 21,2,3. Package Thermal Characteristics
Symbol
Description
QFN Rating
Units
ΘJA
Thermal Resistance Junction to Ambient
28.5
C/W
ΘJC
Thermal Resistance Junction to Case
21.87
C/W
ΘJB
Thermal Resistance Junction to Board
1.27
C/W
TJ
Operating Junction Temperature
-40 to +125
C
TA
Ambient Operating Temperature
-40 to +85
C
TSTG
Storage Temperature
-55 to +150
C
TLEAD
Lead Temperature (soldering, 10s)
+300
C
Notes:
1. The maximum power dissipation is PD(MAX) = (TJ(MAX) - TA) / θJA where TJ(MAX) is 85°C. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the device will enter thermal shutdown.
2. This thermal rating was calculated on JEDEC 51 standard 4-layer board with dimensions 3” x 4.5” in still air conditions.
3. Actual thermal resistance is affected by PCB size, solder joint quality, layer count, copper thickness, air flow, altitude, and other
unlisted variables.
Table 3. ESD Information
Test Model
Pins
Ratings
Units
HBM
All pins
+/- 2000
V
CDM
All pins.
+/- 500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com