Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9235A-RNDGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # P9235A-RNDGI8
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-RNDGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  P9235A-RNDGI8 Datasheet HTML 1Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 2Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 3Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 4Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 5Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 6Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 7Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 8Page - Integrated Device Technology P9235A-RNDGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
5
May 17, 2016
Typical Performance Characteristics
Figure 2. Typical Performance Characteristics – 3W
Figure 3. Typical Performance Characteristics – 2W
Figure 4. Typical Performance Characteristics – 1W
45
50
55
60
65
70
75
80
85
60
120
180
240
300
360
420
480
540
600
Iout (mA)
Efficiency vs Current - 3W
Vin=5V, Vout=5V, Tx=P9235A-R, Tx coil=760308101103, Gap=1.5mm,
Rx coil=760308102213, Rx=P9027LP-R, No air flow, Room temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
40
80
120
160
200
240
280
320
360
400
Iout (mA)
Load Regulation vs Current - 3W
Vin=5V, Vout=5V, Tx=P9235A-R, Tx coil=760308101104, Gap=1.5mm,
Rx coil=760308101220, Rx=P9027LP-R, No air flow, Room
temperature
25
30
35
40
45
50
55
60
65
70
75
40
80
120
160
200
240
280
320
360
400
Iout (mA)
Efficiency vs Current - 2W
Vin=5V, Vout=5V, Tx=P9235A-R, Tx coil=760308101104, Gap=1.5mm,
Rx coil=760308101220, Rx=P9027LP-R, No air flow, Room temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
40
80
120
160
200
240
280
320
360
400
Iout (mA)
Load Regulation vs Current - 2W
Vin=5V, Vout=5V, Tx=P9235A-R, Tx coil=760308101104, Gap=1.5mm,
Rx coil=760308101220, Rx=P9027LP-R, No air flow, Room
temperature
0
10
20
30
40
50
60
20
40
60
80
100
120
140
160
180
200
Iout (mA)
Efficiency vs Current - 1W
Vin=5V, Vout=5V, Tx=P9235A-R, Tx coil=WT151512-21F2, Gap=1.5mm,
Rx coil=WR121220-27M8, Rx=P9027LP-R, No air flow, Room
temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
120
140
160
180
200
Iout (mA)
Load Regulation vs Current -1W
Vin=5V, Vout=5V, Tx=P9235A-R, Tx coil=WT151512-21F2,
Gap=1.5mm, Rx coil=WR121220-27M8, Rx=P9027LP-R, No air flow,
Room temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com