Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5671R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5671R
Description  Base station power amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5671R Datasheet HTML 17Page - Analog Devices AD5671R Datasheet HTML 18Page - Analog Devices AD5671R Datasheet HTML 19Page - Analog Devices AD5671R Datasheet HTML 20Page - Analog Devices AD5671R Datasheet HTML 21Page - Analog Devices AD5671R Datasheet HTML 22Page - Analog Devices AD5671R Datasheet HTML 23Page - Analog Devices AD5671R Datasheet HTML 24Page - Analog Devices AD5671R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD5671R/AD5675R
Rev. B | Page 21 of 32
Multiplying Bandwidth
The multiplying bandwidth is a measure of the finite bandwidth
of the amplifiers within the DAC. A sine wave on the reference
(with full-scale code loaded to the DAC) appears on the output.
The multiplying bandwidth is the frequency at which the output
amplitude falls to 3 dB below the input.
Total Harmonic Distortion (THD)
THD is the difference between an ideal sine wave and its
attenuated version using the DAC. The sine wave is used as the
reference for the DAC, and the THD is a measurement of the
harmonics present on the DAC output. It is measured in dB.
Voltage Reference Temperature Coefficient (TC)
Voltage reference TC is a measure of the change in the reference
output voltage with a change in temperature. The reference TC
is calculated using the box method, which defines the TC as the
maximum change in the reference output over a given tempera-
ture range expressed in ppm/°C, as follows:
6
)
(
)
(
)
(
10
×
×
−
=
TempRange
V
V
V
TC
NOM
REF
MIN
REF
MAX
REF
where:
VREF (MAX) is the maximum reference output measured over the
total temperature range.
VREF (MIN) is the minimum reference output measured over the
total temperature range.
VREF (NOM) is the nominal reference output voltage, 2.5 V.
TempRange is the specified temperature range of −40°C to
+125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com