Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5671R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5671R
Description  Base station power amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 3 Page - Analog Devices

  AD5671R Datasheet HTML 1Page - Analog Devices AD5671R Datasheet HTML 2Page - Analog Devices AD5671R Datasheet HTML 3Page - Analog Devices AD5671R Datasheet HTML 4Page - Analog Devices AD5671R Datasheet HTML 5Page - Analog Devices AD5671R Datasheet HTML 6Page - Analog Devices AD5671R Datasheet HTML 7Page - Analog Devices AD5671R Datasheet HTML 8Page - Analog Devices AD5671R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD5671R/AD5675R
Rev. B | Page 3 of 32
SPECIFICATIONS
AD5671R SPECIFICATIONS
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, RL = 2 kΩ, CL = 200 pF, all specifications TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution
12
Bits
Relative Accuracy (INL)
±0.12
±1
LSB
Gain = 1
±0.12
±1
LSB
Gain = 2
Differential Nonlinearity (DNL)
±0.01
±0.1
LSB
Gain = 1
±0.01
±0.1
LSB
Gain = 2
Zero-Code Error
0.8
1.6
mV
Gain = 1 or gain = 2
Offset Error
−0.75
±2
mV
Gain = 1
−0.1
±1.5
mV
Gain = 2
Full-Scale Error
−0.018
±0.14
% of FSR
Gain = 1
−0.013
±0.07
% of FSR
Gain = 2
Gain Error
+0.04
±0.12
% of FSR
Gain = 1
−0.02
±0.06
% of FSR
Gain = 2
TUE
±0.03
±0.18
% of FSR
Gain = 1
±0.006
±0.14
% of FSR
Gain = 2
Offset Error Drift2
±1
μV/°C
DC Power Supply Rejection Ratio (PSRR)2
0.25
mV/V
DAC code = midscale, VDD = 5 V ± 10%
DC Crosstalk2
±2
μV
Due to single channel, full-scale output change
±3
μV/mA
Due to load current change
±2
μV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS2
Output Voltage Range
0
2.5
V
Gain = 1
0
5
V
Gain = 2
Output Current Drive
15
mA
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 1 kΩ
Resistive Load3
1
kΩ
Load Regulation
183
μV/mA
VDD = 5 V ± 10%, DAC code = midscale,
−30 mA ≤ IOUT ≤ +30 mA
177
μV/mA
VDD = 3 V ± 10%, DAC code = midscale,
−20 mA ≤ IOUT ≤ +20 mA
Short-Circuit Current4
40
mA
Load Impedance at Rails5
25
Ω
Power-Up Time
2.5
μs
Coming out of power-down mode, VDD = 5 V
REFERENCE OUTPUT
Output Voltage6
2.4975
2.5025
V
Reference Temperature Coefficient7, 8
See the Terminology section
20-Lead TSSOP
2
5
ppm/°C
20-Lead LFCSP
5
10
ppm/°C
Output Impedance2
0.04
Ω
Output Voltage Noise2
13
μV p-p
0.1 Hz to 10 Hz
Output Voltage Noise Density2
240
nV/√Hz
At ambient, f = 10 kHz, CL = 10 nF, gain = 1 or 2
Load Regulation Sourcing2
29
μV/mA
At ambient
Load Regulation Sinking2
74
μV/mA
At ambient
Output Current Load Capability2
±20
mA
VDD ≥ 3 V
Line Regulation2
43
μV/V
At ambient
Long-Term Stability/Drift2
12
ppm
After 1000 hours at 125°C
Thermal Hysteresis2
125
ppm
First cycle
25
ppm
Additional cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com