Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078 Datasheet(PDF) 45 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 41Page - Analog Devices ADE9078 Datasheet HTML 42Page - Analog Devices ADE9078 Datasheet HTML 43Page - Analog Devices ADE9078 Datasheet HTML 44Page - Analog Devices ADE9078 Datasheet HTML 45Page - Analog Devices ADE9078 Datasheet HTML 46Page - Analog Devices ADE9078 Datasheet HTML 47Page - Analog Devices ADE9078 Datasheet HTML 48Page - Analog Devices ADE9078 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 44 of 107
To accumulate energy over a defined number of samples, use
the following settings:
Set the configuration register as follows:
EGY_LD_ACCUM = 1
EGY_TMR_MODE = 0
RD_RST_EN = 0
EGY_PWR_EN = 1
EGY_TIME to the desired number of samples
For the output, the xHR_HI register has enough resolution for
most applications. To maintain perfect synchronization
with the CF pulse output, the xHR_LO must be read as
well because it is cleared at every EGYRDY cycle.
Set the maximum time before reading xHR_HI to prevent
overflow with full-scale inputs to 26.4 sec.
Digital to Frequency Conversion—CFx Output
Many electricity meters are required to provide a pulse output
that is proportional to the energy being accumulated, with a
given pulse per kWh meter constant.
The ADE9078 includes four pulse outputs that are proportional
to the energy accumulation in the CF1 through CF4 output pins. A
block diagram of the CFx pulse generation is shown in Figure 65.
fDSP
RESERVED
xWATT
xVAR
xVA
xFVAR
RESERVED
xWATT
CFxSEL[2:0]
100
011
000
001
010
101
110
xWATT
111
0
0
1
TERMSELX[0]
PHASE A
0
0
1
TERMSELX[1]
PHASE B
0
0
1
TERMSELx[2]
+
+
+
CFxSEL[2:0]
WTHR
CFx_LT
CF_LTMR[18:0]
CFxDIS
4.096MHz
DIGITAL
TO
FREQUENCY
512
CFxDEN
CF_ACC_CLR
0
1
1
CFx PIN
PULSE
WIDTH
CONFIG
ADE9078
CFx BITS
PHASE C
VARTHR
VATHR
WTHR
VARTHR
VATHR
WTHR
WTHR
100
011
000
001
010
101
110
111
÷
Figure 65. Digital to Frequency Conversion for CFx
Table 20. CFx Active Low Pulse Width and Duty Cycle Based on CFx_LT and CF_LTMR
CFx_LT
Active Low Pulse Width
for Low Frequencies (ms)
Active Low Pulse Width for
High Frequencies when
CFxDEN is Even
Active Low Pulse Width for
High Frequencies when
CFxDEN is Odd
Behavior when Entering No Load
0
80
50%
(1 + 1/CFxDEN) × 50%
If CFx is low, finish current pulse,
return high.
1
CF_LTMR × 6/CLKIN × 1000
50%
(1 + 1/CFxDEN) × 50%
If CFx is low, keep CFx low until the
no load state is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com