Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9078 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 5 Page - Analog Devices

  ADE9078 Datasheet HTML 1Page - Analog Devices ADE9078 Datasheet HTML 2Page - Analog Devices ADE9078 Datasheet HTML 3Page - Analog Devices ADE9078 Datasheet HTML 4Page - Analog Devices ADE9078 Datasheet HTML 5Page - Analog Devices ADE9078 Datasheet HTML 6Page - Analog Devices ADE9078 Datasheet HTML 7Page - Analog Devices ADE9078 Datasheet HTML 8Page - Analog Devices ADE9078 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 4 of 107
SPECIFICATIONS
VDD = 2.7 V to 3.63 V, GND = AGND = DGND = 0 V, on-chip reference, CLKIN = 12.288 MHz crystal (XTAL), TMIN to TMAX = −40°C to
+85°C for minimum and maximum specifications, TA = 25°C (typical) for typical specifications.
Table 1.1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY
Measurement error per phase
Total Active Energy
0.1
%
Over a dynamic range of 5000 to 1, 10 sec
accumulation; gain compensation only
0.2
%
Over a dynamic range of 10,000 to 1, 20 sec
accumulation; gain compensation only
Total Reactive Energy
0.1
%
Over a dynamic range of 5000 to 1, 10 sec
accumulation; gain compensation only
0.2
%
Over a dynamic range of 10,000 to 1, 20 sec
accumulation; gain compensation only
Total Apparent Energy
0.1
%
Over a dynamic range of 1000 to 1, 2 sec
accumulation
0.5
%
Over a dynamic range of 5000 to 1, 10 sec
accumulation
Fundamental Reactive
0.1
%
Over a dynamic range of 5000 to 1, 2 sec
accumulation
0.2
%
Over a dynamic range of 10,000 to 1,
20 sec accumulation
IRMS, VRMS
0.1
%
Over a dynamic range of 1000 to 1
0.5
%
Over a dynamic range of 5000 to 1
Active Power, VAR
0.2
%
Over a dynamic range of 5000 to 1, 1 sec
accumulation
Power Factor (PF)
±0.001
Over a dynamic range of 5000 to 1
64-Point per Line Cycle
Resampled Data
0.1
%
An FFT is performed to receive the magni-
tude response; this error is the worst case
error in the fundamental magnitude caused
by resampling algorithm distortion; input
signal is 50 Hz fundamental on voltage
channel and fundamental with ninth har-
monic at half of full scale on current channel
0.3
%
An FFT is performed to receive the magni-
tude response; this error is the magnitude
error of ninth harmonic caused by the
resampling algorithm distortion input signal
is 50 Hz fundamental with ninth harmonic
at half of full scale on current channel
−72
dB
Amplitude of highest spur; input signal is
50 Hz fundamental and ninth harmonic
at half of full scale on the current channel
3
%
An FFT is performed to receive the magni-
tude response; this error is the magnitude
error of 31st harmonic caused by resampling
algorithm distortion; input signal is 50 Hz
fundamental with 31st harmonic at half of
full scale on the current channel
−38
dB
Amplitude of highest spur; input signal is
50 Hz fundamental and 31st harmonic at
half of full scale on the current channel
Line Period Measurement
0.001
Hz
Resolution at 50 Hz
Current to Current, Voltage to
Voltage, and Voltage to
Current Angle Measurement
0.036
Degrees
Resolution at 50 Hz; voltage and current
at 1/10th of full scale
PSM1 IRMS
0.2
%
Accuracy achieved 40 ms after entering
PSM1 mode at 600:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com