Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1405B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1405B
Description  High Speed Synchronous Power MOSFET Smart Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405B Datasheet(HTML) 1 Page - Semtech Corporation

  SC1405B Datasheet HTML 1Page - Semtech Corporation SC1405B Datasheet HTML 2Page - Semtech Corporation SC1405B Datasheet HTML 3Page - Semtech Corporation SC1405B Datasheet HTML 4Page - Semtech Corporation SC1405B Datasheet HTML 5Page - Semtech Corporation SC1405B Datasheet HTML 6Page - Semtech Corporation SC1405B Datasheet HTML 7Page - Semtech Corporation SC1405B Datasheet HTML 8Page - Semtech Corporation SC1405B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1405B
High Speed Synchronous Power
MOSFET Smart Driver
Features
Applications
Revision: January 13, 2004
Typical Application Circuit
Description
The SC1405B is a Dual-MOSFET Driver with an internal
Overlap Protection Circuit to prevent shoot-through. Each
driver is capable of driving a 3000pF load in 15ns rise/
fall time and has ULTRA-LOW propagation delay from in-
put transition to the gate of the power FET’s. Adaptive
Overlap Protection circuit ensures that the synchronous
FET does not turn on until the top FET source has reached
a voltage low enough to prevent shoot-through. The de-
lay between the bottom gate going low to the top gate
transitioning high is externally programmable via a ca-
pacitor to minimize dead time. The bottom FET may be
disabled at light loads by keeping S_MOD low to trigger
asynchronous operation, thus saving the bottom FET’s
gate drive current and inductor ripple current. An inter-
nal voltage reference allows threshold adjustment for
an Output Over-Voltage protection circuitry, independent
of the PWM controller.
Under-Voltage-Lock-Out circuit is included to guarantee
that both driver outputs are off when Vcc is less than or
equal to 4.4V (typ) at supply ramp up (4.35V at supply
ramp down). A CMOS output provides status indication
of the 5V supply. A low enable input places the IC in stand-
by mode, reducing supply current to less than 10µA.
SC1405B is offered in a high pitch (.025” lead spacing)
TSSOP package.
Fast rise and fall times (15ns with 3000pf load)
14ns max. Propagation delay (BG going low)
Adaptive and programmable shoot-through
protection
Wide input voltage range (4.5-25V)
Power saving asynchronous mode control
Output overvoltage protection/overtemp shutdown
Under-Voltage lock-out and power ready signal
Less than 10µA stand-by current (EN=low)
Improved drive version of SC1405TS
High frequency (to 1.2MHz) operation allows use of
small inductors and low cost capacitors in place of
electrolytics
High Density/Fast transient microprocessor power
supplies
Motor Drives/Class-D amps
High efficiency portable computers
+
(20KHz-1MHz)
2.2
+
10uF,6.3V
MTB75N03
.1uF
SC1405
13
4
3
2
1
14
6
5
10
7
9
11
12
8
5817
MTB75N03
1.7V@30A
INPUT POWER, 5-20V
+
>>
75A,30V
75A,30V
<<< Output Feedback to PWM
Controller
+
+
Over-Voltage Sense
47pF
.22uF
Vcc
+
<<
2.2
PWM IN
<< P_READY
+
DSPS_DR


Similar Part No. - SC1405B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
More results

Similar Description - SC1405B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com