Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1544 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1544
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1544 Datasheet HTML 6Page - Semtech Corporation SC1544 Datasheet HTML 7Page - Semtech Corporation SC1544 Datasheet HTML 8Page - Semtech Corporation SC1544 Datasheet HTML 9Page - Semtech Corporation SC1544 Datasheet HTML 10Page - Semtech Corporation SC1544 Datasheet HTML 11Page - Semtech Corporation SC1544 Datasheet HTML 12Page - Semtech Corporation SC1544 Datasheet HTML 13Page - Semtech Corporation SC1544 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1544
PRELIMINARY
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
15
G
.
y
r
o
m
e
M
l
a
u
D
V
3
.
3
/
V
5
.
2
d
n
a
3
C
C
V
n
e
e
w
t
e
b
T
E
F
S
O
M
r
o
f
e
v
i
r
d
e
t
a
G
2M
D
V
3
.
3
.
n
o
i
t
p
o
V
5
.
2
r
o
f
y
r
o
m
e
M
l
a
u
D
V
5
.
2
r
o
f
n
i
p
e
s
n
e
S
.
y
r
o
m
e
M
l
a
u
D
V
3
.
3
r
o
f
n
i
p
e
s
n
e
S
36
G
.
y
r
o
m
e
M
l
a
u
D
V
3
.
3
/
V
5
.
2
d
n
a
B
S
V
5
n
e
e
w
t
e
b
T
E
F
S
O
M
r
o
f
e
v
i
r
d
e
t
a
G
47
G
d
n
a
t
n
e
s
e
r
p
s
i
B
S
V
5
n
e
h
w
h
g
i
H
.
P
G
A
V
3
.
3
/
V
5
.
1
d
n
a
3
C
C
V
n
e
e
w
t
e
b
T
E
F
S
O
M
r
o
f
e
v
i
r
d
e
t
a
G
.
O
L
V
U
n
a
h
t
r
e
t
a
e
r
g
5P
G
A.
P
G
A
V
3
.
3
/
V
5
.
1
r
o
f
n
i
p
e
s
n
e
S
6T
E
D
E
P
Y
T.
V
3
.
3
=
h
g
i
h
,
P
G
A
r
o
f
V
3
.
3
r
o
V
5
.
1
t
c
e
l
e
S
7K
O
_
R
W
P.
x
o
b
r
e
v
l
i
s
m
o
r
f
l
a
n
g
i
s
K
O
_
r
e
w
o
P
8N
E
t
e
s
e
r
ll
i
w
n
i
p
e
l
b
a
n
e
e
h
t
g
n
il
c
y
C
.
d
e
s
u
g
n
i
e
b
t
o
n
f
i
B
S
V
5
o
t
t
c
e
n
n
o
C
.
h
g
i
h
e
v
i
t
c
a
l
a
n
g
i
s
e
l
b
a
n
E
.
s
e
h
c
t
a
l
t
n
e
r
r
u
c
r
e
v
o
e
h
t
93
S
/
3
S
/
h
t
o
b
g
n
il
l
u
P
.
e
t
a
t
s
p
e
e
l
s
3
S
e
h
t
r
e
t
n
e
o
t
e
c
i
v
e
d
e
h
t
s
e
s
u
a
c
)
h
g
i
h
5
S
/
h
t
i
w
(
w
o
l
n
i
p
s
i
h
t
g
n
il
l
u
P
.
e
t
a
t
s
p
e
e
l
s
5
S
e
h
t
r
e
t
n
e
o
t
e
c
i
v
e
d
e
h
t
e
s
u
a
c
ll
i
w
w
o
l
5
S
/
d
n
a
0
15
S
/
.
e
t
a
t
s
p
e
e
l
s
5
S
e
h
t
r
e
t
n
e
o
t
e
c
i
v
e
d
e
h
t
s
e
s
u
a
c
3
S
/
h
t
i
w
g
n
o
l
a
w
o
l
n
i
p
s
i
h
t
g
n
il
l
u
P
1
1B
S
U.
N
O
=
h
g
i
h
,
e
t
a
t
s
p
e
e
l
s
5
S
g
n
i
r
u
d
l
a
u
D
V
5
r
o
f
n
i
p
e
l
b
a
n
E
2
1I
C
P.
N
O
=
h
g
i
h
,
e
t
a
t
s
p
e
e
l
s
5
S
g
n
i
r
u
d
l
a
u
D
V
3
.
3
r
o
f
n
i
p
e
l
b
a
n
E
3
1P
A
C
-
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
n
0
1
a
t
c
e
n
n
o
C
.
r
o
t
i
c
a
p
a
c
p
m
u
p
e
g
r
a
h
c
f
o
d
n
e
e
v
i
t
a
g
e
N
.
)
P
A
C
+
(
4
1
n
i
p
d
n
a
4
1P
A
C
+.
r
o
t
i
c
a
p
a
c
p
m
u
p
e
g
r
a
h
c
f
o
d
n
e
e
v
i
t
i
s
o
P
5
1C
F
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
1
.
0
a
h
t
i
w
n
i
p
s
i
h
t
e
l
p
u
o
c
e
D
.
)
l
a
n
i
m
o
n
V
9
(
t
u
p
t
u
o
p
m
u
p
e
g
r
a
h
C
6
1B
S
V
5
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
1
a
h
t
i
w
n
i
p
s
i
h
t
e
l
p
u
o
c
e
D
.
x
o
b
r
e
v
l
i
s
m
o
r
f
y
l
p
p
u
s
y
b
d
n
a
t
s
V
5
7
1D
V
5.
l
a
u
D
V
5
r
o
f
n
i
p
e
s
n
e
S
8
11
G.
l
a
u
D
V
5
d
n
a
B
S
V
5
n
e
e
w
t
e
b
T
E
F
S
O
M
r
o
f
e
v
i
r
d
e
t
a
G
9
13
/
2
G
.
l
a
u
D
V
3
.
3
d
n
a
3
C
C
V
d
n
a
l
a
u
D
V
5
d
n
a
5
C
C
V
n
e
e
w
t
e
b
s
T
E
F
S
O
M
r
o
f
e
v
i
r
d
e
t
a
G
0
2D
N
G.
d
n
u
o
r
g
e
c
n
e
r
e
f
e
R
1
2D
V
3
.
3.
l
a
u
D
V
3
.
3
r
o
f
n
i
p
e
s
n
e
S
2
24
G.
l
a
u
D
V
3
.
3
d
n
a
B
S
V
5
n
e
e
w
t
e
b
T
E
F
S
O
M
r
o
f
e
v
i
r
d
e
t
a
G
3
2V
8
.
1.
O
D
L
V
8
.
1
r
o
f
n
i
p
e
s
n
e
S
4
28
G
d
n
a
t
n
e
s
e
r
p
s
i
B
S
V
5
n
e
h
w
h
g
i
H
.
V
8
.
1
d
n
a
)
B
S
V
5
r
o
(
3
C
C
V
n
e
e
w
t
e
b
T
E
F
S
O
M
r
o
f
e
v
i
r
d
e
t
a
G
.
O
L
V
U
n
a
h
t
r
e
t
a
e
r
g
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com