Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1544 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1544
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1544 Datasheet HTML 7Page - Semtech Corporation SC1544 Datasheet HTML 8Page - Semtech Corporation SC1544 Datasheet HTML 9Page - Semtech Corporation SC1544 Datasheet HTML 10Page - Semtech Corporation SC1544 Datasheet HTML 11Page - Semtech Corporation SC1544 Datasheet HTML 12Page - Semtech Corporation SC1544 Datasheet HTML 13Page - Semtech Corporation SC1544 Datasheet HTML 14Page - Semtech Corporation SC1544 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1544
PRELIMINARY
.ault Protection Hints (Cont.)
that the OCP “times out” then the outputs will latch off.
Then if the AC power returns after the OCP latches off,
but before the 5VSB supply drops below UVLO, then the
device will not start up again until EN or 5VSB is cycled.
One way to avoid this happening is to force the device
into S3 if PWR_OK goes low but S3 and S5 remain high
using the circuit shown below. This will supply the
outputs from 5VSB which will either cause 5VSB to drop
below UVLO and reset the part when the AC power comes
back up, or it may prevent OCP occuring at all. Either way
correct functionality will be guaranteed once AC power
returns.
D1
1N4148
PWR_OK
/SLP_S3
U1
SC1544-2.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
G5
2.5VDM
G6
G7
AGP
TYPEDET
PWR_OK
EN
/S3
/S5
USB
PCI
-CAP
+CAP
FC
5VSB
5VD
G1
G2/3
GND
3.3VD
G4
1.8V
G8
R1
4.7k
Incorrect Signals .rom Silver Box: Some silver boxes
have been found that produce incorrect voltages on the
PWR_OK line, producing dangerous negative voltage
spikes up to -1V or greater. Such spikes exceed the
absolute maximum ratings for this device and can cause
the device to malfunction. If a supply produces such
spikes they can be clamped to GND using a small schottky
diode as shown below, completely removing any threat.
PWR_OK
U 1
SC1544-2.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
G5
2.5VDM
G6
G7
AGP
TYPEDET
PWR_OK
EN
/S3
/S5
USB
PCI
-CAP
+CAP
FC
5VSB
5VD
G1
G2/3
GND
3.3VD
G4
1.8V
G8
D1
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com