Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1050 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 45Page - Analog Devices ADP1050 Datasheet HTML 46Page - Analog Devices ADP1050 Datasheet HTML 47Page - Analog Devices ADP1050 Datasheet HTML 48Page - Analog Devices ADP1050 Datasheet HTML 49Page - Analog Devices ADP1050 Datasheet HTML 50Page - Analog Devices ADP1050 Datasheet HTML 51Page - Analog Devices ADP1050 Datasheet HTML 52Page - Analog Devices ADP1050 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
ADP1050
Data Sheet
Command
Code
Command Name
PMBus/
SMBus
Transaction
Type
Number
of Data
Bytes
Default Value1 Description
0xBA
EEPROM_DATA_10
R/W block
Variable N/A
Blocks reads/writes to Page 10. The EEPROM must
first be unlocked for writes.
0xBB
EEPROM_DATA_11
R/W block
Variable N/A
Blocks reads/writes to Page 11. The EEPROM must
first be unlocked for writes.
0xBC
EEPROM_DATA_12
R/W block
Variable N/A
Blocks reads/writes to Page 12. The EEPROM must
first be unlocked for writes.
0xBD
EEPROM_DATA_13
R/W block
Variable N/A
Blocks reads/writes to Page 13. The EEPROM must
first be unlocked for writes.
0xBE
EEPROM_DATA_14
R/W block
Variable N/A
Blocks reads/writes to Page 14. The EEPROM must
first be unlocked for writes.
0xBF
EEPROM_DATA_15
R/W block
Variable N/A
Blocks reads/writes to Page 15. The EEPROM must
first be unlocked for writes.
0xD1
EEPROM_CRC_CHKSUM
R
1
N/A
Returns the CRC checksum value from the EEPROM
download operation.
0xD2
EEPROM_NUM_RD_BYTES
R/W
1
N/A
Sets the number of return read bytes when using
the EEPROM_DATA_xx commands.
0xD3
EEPROM_ADDR_OFFSET
R/W
2
N/A
Sets the address offset of the current EEPROM page.
0xD4
EEPROM_PAGE_ERASE
W
1
N/A
Performs a page erase on a selected page (Page 3 to
Page 15). Wait at least 35 ms for each page erase
operation. The EEPROM must first be unlocked. A
page erase of Page 0 and Page 1 is not allowed.
0xD5
EEPROM_PASSWORD
W
1
0xFF
Writes the password to this register to unlock the
EEPROM, and/or changes the EEPROM password.
0xD6
TRIM_PASSWORD
W
1
0xFF
Writes the password to this register to unlock the
trim registers for write access.
0xD7
CHIP_PASSWORD
W
2
0xFFFF
Writes the password to this register to unlock the
chip password for register access.
0xD8
VIN_SCALE_MONITOR
R/W
2
0x0001
The scale factor for the input voltage reading
(READ_VIN).
0xD9
IIN_SCALE_MONITOR
R/W
2
0x0001
The scale factor for the input current reading
(READ_IIN).
0xF1
EEPROM_INFO
Read block
Variable N/A
Reads the first fault information.
0xFA
MFR_SPECIFIC_1
R/W
1
0x00
Stores the user customized information.
0xFB
MFR_SPECIFIC_2
R/W
1
0x00
Stores the user customized information.
1
N/A = Not applicable.
Rev. A | Page 48 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com