Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1050 Datasheet(PDF) 71 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 67Page - Analog Devices ADP1050 Datasheet HTML 68Page - Analog Devices ADP1050 Datasheet HTML 69Page - Analog Devices ADP1050 Datasheet HTML 70Page - Analog Devices ADP1050 Datasheet HTML 71Page - Analog Devices ADP1050 Datasheet HTML 72Page - Analog Devices ADP1050 Datasheet HTML 73Page - Analog Devices ADP1050 Datasheet HTML 74Page - Analog Devices ADP1050 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
ADP1050
Data Sheet
MANUFACTURER SPECIFIC EXTENDED COMMANDS DESCRIPTIONS
FLAG CONFIGURATION REGISTERS
Register 0xFE00 to Register 0xFE03 are used to set the fault flag response and the resolution after the flag is cleared. Register 0xFE05[5:4]
sets the VDD_OV flag response. Register 0xFE05[7:6] sets the global flag reenable delay time.
Table 96. Register 0xFE00 to Register 0xFE05—Flag Response Registers
Register
Bits
Flag
Additional Settings
0xFE00
[7:4]
Reserved
Reserved
[3:0]
IIN_OC_FAST_FAULT_RESPONSE
Register 0xFE08, Register 0xFE0E, Register 0xFE1A, Register 0xFE1F,
Register 0xFEA0, Register 0xFEA3
0xFE01
[7:4]
Extended VOUT_OV_FAULT_RESPONSE
Register 0x40, Register 0x41, Register 0xFE26, Register 0xFE6B, Register 0xFE6C
[3:0]
CS3_OC_FAULT_RESPONSE
Register 0xFE6A, Register 0xFEA0, Register 0xFEA3
0xFE02
[7:4]
VIN_UV_FAULT_RESPONSE
Register 0x35, Register 0x36, Register 0xFE29, Register 0xFEA1, Register 0xFEA4
[3:0]
Reserved
Reserved
0xFE03
[7:4]
Reserved
Reserved
[3:0]
FLAGIN_RESPONSE
Register 0xFE12, Register 0xFEA1, Register 0xFEA4
0xFE05
[5:4]
VDD_OV_RESPONSE
Register 0xFE05, Register 0xFEA0, Register 0xFEA3
[3:0]
Reserved
Reserved
Table 97. Register 0xFE00 to Register 0xFE02—Flag Response Register Bit Descriptions
Bits
Bit Name/Function
R/W
Description
[7:6]
Fault response
R/W
These bits specify the action when the flag is set.
Bit 7
Bit 6
Flag Action
0
0
Continues operation without interruption.
0
1
Disables SR1 and SR2.
1
0
Disables all PWM outputs.
1
1
Reserved.
[5:4]
Action after flag
is cleared
R/W
These bits specify the action when the flag is cleared.
Bit 5
Bit 4
Action After Flag Clearing
0
0
After the reenable delay time, the PWM outputs are reenabled with a soft start.
0
1
The PWM outputs are reenabled immediately without a soft start.
1
0
A PSON signal, through Register 0x01, Register 0x02, and/or the CTRL pin,
is needed to reenable the PWM outputs.
1
1
Reserved.
[3:2]
Fault response
R/W
These bits specify the action when the flag is set.
Bit 3
Bit 2
Flag Action
0
0
Continues operation without interruption.
0
1
Disables SR1 and SR2.
1
0
Disables all PWM outputs.
1
1
Reserved.
[1:0]
Action after flag
is cleared
R/W
These bits specify the action when the flag is cleared.
Bit 1
Bit 0
Action After Flag Clearing
0
0
After the reenable delay time, the PWM outputs are reenabled with a soft start.
0
1
The PWM outputs are reenabled immediately without a soft start.
1
0
A PSON signal, through Register 0x01, Register 0x02, and/or the CTRL pin, is
needed to reenable the PWM outputs.
1
1
Reserved.
Rev. A | Page 70 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com