Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuCM350BBCZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADuCM350BBCZ-RL
Description  16-Bit Precision, Low Power Meter On A
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM350BBCZ-RL Datasheet(HTML) 1 Page - Analog Devices

  ADuCM350BBCZ-RL Datasheet HTML 1Page - Analog Devices ADuCM350BBCZ-RL Datasheet HTML 2Page - Analog Devices ADuCM350BBCZ-RL Datasheet HTML 3Page - Analog Devices ADuCM350BBCZ-RL Datasheet HTML 4Page - Analog Devices ADuCM350BBCZ-RL Datasheet HTML 5Page - Analog Devices ADuCM350BBCZ-RL Datasheet HTML 6Page - Analog Devices ADuCM350BBCZ-RL Datasheet HTML 7Page - Analog Devices ADuCM350BBCZ-RL Datasheet HTML 8Page - Analog Devices ADuCM350BBCZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
16-Bit Precision, Low Power Meter On A
Chip with Cortex-M3 and Connectivity
Data Sheet
ADuCM350
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Analog performance
160 kSPS, 16-bit, precision analog-to-digital converter (ADC)
4 dedicated voltage measurement channels
8 current measurement channels
Impedance measurement engine
High precision voltage reference
Supply noise rejection filtering
Ultralow leakage configurable switch matrix
12-bit digital-to-analog converter (DAC)
Precision instrumentation amplifier control loop
6-channel CapTouch controller
Temperature sensor
Analog hardware accelerators
Autonomous analog front-end (AFE) controller
Independent sequencer for AFE functions
Direct digital synthesizer (DDS)/arbitrary waveform
generator
Receive filters
Complex impedance measurement (DFT) engine
Processing
16 MHz ARM Cortex-M3 processor
384 kB of embedded flash memory
32 kB system SRAM
16 kB Flash configured EEPROM
Integrated full-speed USB 2.0 controller and PHY
Multilayer advanced microcontroller bus architecture
(AMBA) bus matrix
Central direct memory access (DMA) controller
Real-time clock (RTC)
General-purpose, wake-up, and watchdog timers
Communication
Input/output
I2S and beeper interface
LCD display controller (parallel and serial)
LCD segment controller
SPI, I2C, and UART peripheral interfaces
Programmable GPIOs
Power
Coin cell battery compatible
2.5 V to 3.6 V active measurement range
Power management unit (PMU)
Power-on reset (POR) and power supply monitor (PSM)
Packages and temperature range
Operating temperature range: −40°C to +85°C
Package: 120-lead, 8 mm × 8 mm CSP_BGA
APPLICATIONS
Point-of-care diagnostics
Body-worn devices for monitoring vital signs
Amperometric, voltametric, and impedometric measurements
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
AHB
‐APB
BRIDGE
LCD
TMR0
TMR1
WDT
CRC
PMU
MISC
BEEP
ABP‐1
TMR2
RTC
GPIO
UART
SPI0
SPI1
I2C
ABP‐0
I2S
1 × 256kB
1 × 128kB
FLASH
16kB
EEPROM
SRAM1
(16kB)
PDI
PLL
LF XTAL
HF OSC
LF OSC
HF XTAL
POR
PSM
HP LDO
CapTouch
LP LDO
SPIH
AMBA
BUS
MATRIX
USB
DMA
NVIC
TRACE
SW/JTAG
ARM
CORTEX-M3
SRAM0
(16kB)
AFE
CONTROLLER
DFT
SIGNAL
GENERATION
AFE
● 16-BIT PRECISION ADC
● PRECISION REFERENCE
● SWITCH MATRIX
● 12-BIT DAC
● IN-AMP CONTROL LOOP
● TIA
RECEIVE
FILTERS
USB PHY


Similar Part No. - ADuCM350BBCZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM355 AD-ADUCM355 Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
ADUCM355BCCZ AD-ADUCM355BCCZ Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
ADUCM355BCCZ-RL7 AD-ADUCM355BCCZ-RL7 Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
ADUCM356 AD-ADUCM356 Datasheet
2Mb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
Rev. A
ADUCM356BCCZ AD-ADUCM356BCCZ Datasheet
2Mb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
Rev. A
More results

Similar Description - ADuCM350BBCZ-RL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4285A HP-4285A Datasheet
328Kb / 16P
Precision LCR Meter
E4980A HP-E4980A Datasheet
602Kb / 36P
Precision LCR Meter
logo
Extech Instruments Corp...
380460 EXTECH-380460_15 Datasheet
209Kb / 1P
Precision Milliohm Meter
logo
Keysight Technologies
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-201 KEYSIGHT-4285A-201 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-301 KEYSIGHT-4285A-301 Datasheet
1Mb / 21P
Precision LCR Meter
E4980A-002 KEYSIGHT-E4980A-002 Datasheet
1Mb / 38P
Precision LCR Meter
E4980AU-007 KEYSIGHT-E4980AU-007 Datasheet
1Mb / 38P
Precision LCR Meter
logo
IET Labs Inc.
1689 IET-1689 Datasheet
1Mb / 3P
Precision Impedance Meter
04-03-2013
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
Precision LCR Meter
March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com