Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1815 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # SSD1815
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SSD1815 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
SSD1815
34
REV 1.5
03/2000
SOLOMON
APPENDIX B0. R330 TAB Wheel Mechnical Drawing
SECTION AA
A
A
37mm±0.5
3.5mm
CORE DIA. 25.8mm
KEYWAY = 4.2mm
MATERIAL: HIGH IMPACT POLYSTYRENE (HIPS)
SURFACE RESISTIVITY: 1 X 10 OHM MIN
5
1 X 10 OHM MAX
9
TAPE LENGTH = 20m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com