Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1815 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSD1815
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1815 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
SOLOMON
SSD1815
9
REV 1.5
03/2000
Oscillation Circuit
enable
OSC1
OSC2
Internal pwell resistor
Oscillator enable
Buffer
enable
(CL)
Figure 4 - Oscillator Circuitry
OPERATION OF LIQUID CRYSTAL DISPLAY DRIVER
Description of Block Diagram Module
R/W(WR)
E(RD)
N
n
n+1
n+2
data bus
write column address
dummy read
data read1
data read 2
data read 3
Figure 3 - Display data read with the insertion of dummy read
Command Decoder and Command Interface
This module determines whether the input data is interpreted as
data or command. Data is directed to this module based upon the
input of the D/C pin. If D/C is high, data is written to Graphic Display
Data RAM (GDDRAM). If D/C is low, the input at D7-D0 is interpreted
as a Command and it will be decoded and be written to the corre-
sponding command register.
MPU Parallel 6800-series Interface
The parallel interface consists of 8 bi-directional data pins (D7-D0),
R/W(WR), D/C, E(RD), CS1 and CS2. R/W(WR) input High indicates
a read operation from the Graphic Display Data RAM (GDDRAM) or
the status register. R/W(WR) input Low indicates a write operation to
Display Data RAM or Internal Command Registers depending on the
status of D/C input. The E(RD) input serves as data latch signal
(clock) when high provided that CS1 and CS2 are low and high
respectively. Refer to Figure 9 for Parallel Interface Timing Diagram
of 6800-series microprocessors.
In order to match the operating frequency of display RAM with that
of the microprocessor, some pipeline processing is internally per-
formed which requires the insertion of a dummy read before the first
actual display data read. This is shown in Figure 3 below.
MPU Parallel 8080-series interface
The parallel interface consists of 8 bi-directional data pins (D7-D0),
E(RD), R/W(WR), D/C, CS1 and CS2. E(RD) input serves as data
read latch signal (clock) when low provided that CS1 and CS2 are
low and high respectively. Whether it is display data or status regis-
ter read is controlled by D/C. R/W(WR) input serves as data write
latch signal(clock) when high provided that CS1 and CS2 are low
and high respectively. Whether it is display data or command regis-
ter write is controlled by D/C. Refer to Figure 10 for Parallel Interface
Timing Diagram of 8080-series microprocessor.
Similar to 6800-series interface, a dummy read is also required
before the first actual display data read.
MPU Serial interface
The serial interface consists of serial clock SCK (D6), serial data
SDA (D7), D/C, CS1 and CS2. SDA is shifted into a 8-bit shift register
on every rising edge of SCL in the order of D7, D6,... D0. D/C is sam-
pled on every eighth clock to determine whether the data byte in the
shift register is written to the Display Data RAM or command register
at the same clock.
Oscillator Circuit
This module is an On-Chip low power RC oscillator circuitry
(Figure 4). The oscillator generates the clock for the DC-DC volt-
age converter. This clock is also used in the Display Timing Gen-
erator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com